Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHV30300G Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SHV30300G
Description  PLASTIC HIGH-VOLTAGE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SHV30300G Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SHV30300G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SHV30300G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SHV30300G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SHV30300G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SHV30300G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1310, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SHV30300G
SHV30300G PLASTIC HIGH-VOLTAGE RECTIFIER
Features:
Low Reverse Leakage
High Forward Surge Capability
High Temperature Soldering Guaranteed: 250°C/10 sec onds,
0.375” (9.5mm) Lead Length
5 lbs. (2.3kg) Tension
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Terminals: Plated Axial Leads
Polarity : Color Band Denotes Cathode end
Mounting Position: Any
Mechanical Dimensions: In Inches/ mm
DO-41


Similar Part No. - SHV30300G

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SHV HAMMOND-SHV Datasheet
100Kb / 2P
   Generateur de chaleur de 100-400 W, avec panneau de commande
logo
Bellnix Co.,Ltd.
SHV BELLNIX-SHV Datasheet
458Kb / 4P
   Ultra small size high voltage power supply 500V to 2KV, chassis installing type 2W to 3W adjustable output high voltage power supply
logo
EIC discrete Semiconduc...
SHV-01JN EIC-SHV-01JN Datasheet
103Kb / 1P
   AVALANCHE RECTIFIER DIODE
logo
Sanken electric
SHV-02 SANKEN-SHV-02 Datasheet
43Kb / 2P
   High-Voltage Rectifier Diodes
SHV-02 SANKEN-SHV-02 Datasheet
29Kb / 2P
   High-Voltage Rectifier Diodes
More results

Similar Description - SHV30300G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90-E3 VISHAY-SB1H90-E3 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Shanghai Leiditech Elec...
2CL704 LEIDITECH-2CL704 Datasheet
298Kb / 2P
   Plastic Fast Recover High Voltage Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com