Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK28-G Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SK28-G
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SK28-G Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SK28-G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK28-G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK28-G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK28-G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green products
Data Sheet N0155, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SK22-G-SK210-G
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER


Similar Part No. - SK28-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK28-L MCC-SK28-L Datasheet
358Kb / 4P
   2 Amp Schottky Rectifier 20 to 200 Volts
SK28-L MCC-SK28-L Datasheet
243Kb / 4P
   2 Amp Schottky Rectifier 20 to 200Volts
logo
Shanghai Leiditech Elec...
SK28-L LEIDITECH-SK28-L Datasheet
643Kb / 2P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SK28-LFR FRONTIER-SK28-LFR Datasheet
128Kb / 2P
   2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SK28-S GOOD-ARK-SK28-S Datasheet
663Kb / 2P
   2.0 Amps. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK28-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B240A-13-F DIODES-B240A-13-F Datasheet
175Kb / 5P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com