Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39980-0420 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39980-0420
Description  5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 20
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39980-0420 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39980-0420 Datasheet HTML 1Page - Molex Electronics Ltd. 39980-0420 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39980-0420
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ Eurostyle™ Surface Mount Compatible Locking Header, 20
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39980
Application
N/A
Comments
Gold plating available
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
800756374925
Physical
Circuits (Loaded)
20
Color - Resin
Black
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
11.580/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.81mm
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
140°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Material Info
Old Part Number
981520
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39980Series
Mates With
39980-2120 Spring Clamp Plug, 39980-0320
Screw Clamp Plug


Similar Part No. - 39980-0420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39980-0420 MOLEX5-39980-0420 Datasheet
205Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 20 Circuits
More results

Similar Description - 39980-0420

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0399800420 MOLEX5-0399800420 Datasheet
205Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 20 Circuits
39980-0409 MOLEX11-39980-0409 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 9
39980-0415 MOLEX11-39980-0415 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 15
39980-0410 MOLEX11-39980-0410 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 10
39980-0419 MOLEX11-39980-0419 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header,19
39980-0424 MOLEX11-39980-0424 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 24
39980-0403 MOLEX11-39980-0403 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 3
39980-0406 MOLEX11-39980-0406 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 6
39980-0413 MOLEX11-39980-0413 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 13
39980-0421 MOLEX11-39980-0421 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com