Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

980913-G30 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 980913-G30
Description  5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 13 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

980913-G30 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  980913-G30 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39981-0313
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ Eurostyle™ Screw Clamp Plug, Gold (Au) Plated, 13 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39981
Application
N/A
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
822348535583
Physical
Circuits (Loaded)
13
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Plating min - Mating
1.270µm
Plating min - Termination
1.270µm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
110°C
Termination Interface: Style
Surface Mount
Wire Size AWG
12, 14, 16, 18, 20, 22, 24
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Material Info
Old Part Number
980913-G30
Reference - Drawing Numbers
Sales Drawing
SD-39980-010
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39981Series
Mates With
39981-0413
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 980913-G30

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
980910-G30 MOLEX11-980910-G30 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 10 Circuits
980911 MOLEX5-980911 Datasheet
215Kb / 2P
   5.08mm (.200") Pitch Beau??Eurostyle??Screw Clamp Plug, 11 Circuits
980911 MOLEX11-980911 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, 11 Circuits
980911-G30 MOLEX11-980911-G30 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 11 Circuits
980912 MOLEX5-980912 Datasheet
215Kb / 2P
   5.08mm (.200") Pitch Beau??Eurostyle??Screw Clamp Plug, 12 Circuits
More results

Similar Description - 980913-G30

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39981-0314 MOLEX11-39981-0314 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 13 Circuits
39981-0302 MOLEX11-39981-0302 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 2 Circuits
39981-0308 MOLEX11-39981-0308 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 8 Circuits
39981-0311 MOLEX11-39981-0311 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 11 Circuits
54927-0320 MOLEX11-54927-0320 Datasheet
44Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 20 Circuits
39981-0317 MOLEX11-39981-0317 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 17 Circuits
39981-0320 MOLEX11-39981-0320 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 20 Circuits
39981-0316 MOLEX11-39981-0316 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 16 Circuits
39981-0312 MOLEX11-39981-0312 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 12 Circuits
39981-0319 MOLEX11-39981-0319 Datasheet
37Kb / 1P
   5.08mm Pitch Beau Eurostyle Screw Clamp Plug, Gold (Au) Plated, 19 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com