Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBLB7NFD13AA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HBLB7NFD13AA
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBLB7NFD13AA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HBLB7NFD13AA Datasheet HTML 1Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 2Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 3Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLB7NFD13AA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
5
MotorQuick® and Variable Frequency Drive (VFD) Switches
Plug and Play Technology
Unfused Disconnect Switches
30A 3 Pole 600V AC
Description
Catalog Number
Non-Metallic enclosure, Circuit-Lock disconnect switch for use with
variable frequency drives.
HBLDS3VFD
Stainless Steel enclosure, Circuit-Lock disconnect switch for use with
variable frequency drives.
HBLDS3SSVFD
HBL1389MQR2
HBL1389MQ5
HBLDS3MQR
HBLDS3MQ5
Quick Disconnect Switches
30A 3 Pole 600V AC
Type 1 Non-Metallic Enclosure
Catalog Number
HBL1389D with one pre-wired LINKOSITY® female receptacle (load side).
HBL1389MQR
HBL1389D with 5 foot pre-wired LINKOSITY® female cable (load side).
HBL1389MQ5
HBL1389D with one pre-wired LINKOSITY® male receptacle (line side) and
one pre-wired LINKOSITY® female receptacle (load side).
HBL1389MQR2
Type 4X Non-Metallic Enclosure
HBLDS3 with one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3MQR
HBLDS3 with 5 foot pre-wired LINKOSITY® female cable (load side).
HBLDS3MQ5
HBLDS3 with one pre-wired LINKOSITY® male receptacle (line side)
and one pre-wired LINKOSITY® female receptacle (load side).
HBLDS3MQR2
Note: See page 6 for stainless steel option.
• Plug and play design allows for faster installation
• Reduces motor change-out time by more than 65%
• Crush and impact resistant MC cables
HBLDS3VFD
MotorQuick® combines the plug-and-play technology of Hubbell’s
LINKOSITY® power system with the versatility of Circuit-Lock® motor
disconnect switches to drastically reduce the time it takes to replace
motors. These quick disconnect switches feature lockable handles to
meet OSHA lockout/tagout regulations and include pre-wired LINKOSITY
receptacles to meet a variety of application needs. The quick disconnect
LINKOSITY terminations, combined with the ability to conveniently
pre-wire spare motors with a LINKOSITY inlet without shutting down
the entire line, reduces motor change-out time by more than 65%.
The result is equipment up and running in a fraction of the time
providing productivity and bottom-line savings.
Accessories
Description
Catalog Number
3P 4W LINKOSITY® male receptacle for installation on motor.
RM3004PA001
3P 4W LINKOSITY® double ended (male/female) 5-50 foot cable.
PH3004PAxxx*
Lock-on cover for LINKOSITY® connections.
PH2030C
Note: *Cables available from 5-50 feet in 5 foot increments. To purchase larger cable, replace the
xxx with the required
length in feet. (Examples:
PH3004PA005 = 5 foot cable, PH3004PA015 = 15 foot cable.)
HBLDS3SSVFD
• Thoroughly tested for effective use with VFDs
• Powers down the drive prior to opening the motor disconnect
• Prevents damage to the disconnect switch and the VFD
Hubbell's Disconnect Switch for Variable Frequency Drives
(VFDs) prevents downtime from out-of-sequence equipment
shutdowns when using VFDs, the most common method
of controlling conveyor system motors. The HBLDS3VFD
integrates an early-break auxiliary contact installed in the
HBLDS3 30 Amp disconnect switch enclosure. The contact
interfaces directly with VFDs to execute a coast-to-stop,
preventing damage to the disconnect switch and high-
performance VFD output devices.


Similar Part No. - HBLB7NFD13AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1008-RP ONSEMI-HBL1008-RP Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1010RP ONSEMI-HBL1010RP Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
More results

Similar Description - HBLB7NFD13AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com