Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-6405A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HLMP-6405A
Description  SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-6405A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HLMP-6405A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-6405A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-6405A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-6405A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-6405A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
500
550
600
650
700
750
90
VF - FORWARD VOLTAGE (V)
WAVELENGTH (nm)
Fig. 1 Forward Current vs. Forward Voltage
40
50
60
70
80
30
20
10
0
1.0
2.0
3.0
4.0
5.0
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs.
DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
5
10
15
YELLOW
GREEN
AlGaAs RED
HER
HER
AlGaAs
RED
HER
YELLOW
GREEN
AlGaAs
RED
GREEN
YELLOW
TYPICAL PERFORMANCE CURVES (TA =25°C)
SUBMINIATURE T-3/4 LED
DIFFUSED and CLEAR LAMPS
DS300000
2/27/01
3 OF 5
www.fairchildsemi.com


Similar Part No. - HLMP-6405A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-6405A QT-HLMP-6405A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6405A FAIRCHILD-HLMP-6405A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6405A EVERLIGHT-HLMP-6405A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Fairchild Semiconductor
HLMP-6405A FAIRCHILD-HLMP-6405A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMP-6405A FAIRCHILD-HLMP-6405A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
More results

Similar Description - HLMP-6405A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-6305A FAIRCHILD-HLMP-6305A Datasheet
519Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
HLMPQ155AGR FAIRCHILD-HLMPQ155AGR Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
HLMPQ155A FAIRCHILD-HLMPQ155A Datasheet
520Kb / 6P
   SUBMINIATURE T-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
QT Optoelectronics
HLMP-6305A QT-HLMP-6305A Datasheet
39Kb / 4P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Fairchild Semiconductor
HLMPQ106AYR FAIRCHILD-HLMPQ106AYR Datasheet
111Kb / 5P
   SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS
logo
Everlight Electronics C...
HLMP-6305A EVERLIGHT-HLMP-6305A Datasheet
524Kb / 6P
   SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
logo
Chicago Miniature Lamp,...
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
   T-1 3/4 Diffused LED Lamps
CMD5152 CML-CMD5152 Datasheet
66Kb / 1P
   T-1 3/4 Clear Lens LED Lamps
logo
QT Optoelectronics
MR5000 QT-MR5000 Datasheet
145Kb / 3P
   SUBMINIATURE T-3/4 RESISTOR LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com