Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148F-03 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9148F-03
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148F-03 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9148F-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148F-03 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS9148-03
Electrical Characteristics - 24,48MHz, REF(0:1)
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO48m
48
PPM
Output Frequency
FOREF
14.318
MHz
Output Impedance
1
RDSP5
VO = VDD*(0.5)
20
60
Ohm
Output Impedance
1
RDSN5
VO = VDD*(0.5)
20
60
Ohm
Output High Voltage
VOH5
IOH = -16 mA
2.4
2.6
V
Output Low Voltage
VOL5
IOL = 9 mA
0.3
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-32
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
25
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.7
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.6
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
53
55
%
Jitter, One Sigma
1
tj1s5
VT = 1.5 V
1
3
%
Jitter, Absolute
1
tjabs5
VT = 1.5 V
38
%
1
Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9148F-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148F-02 ICST-ICS9148F-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
More results

Similar Description - ICS9148F-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com