Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTMS8x01 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HTMS8x01
Description  HITAG transponder IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8x01 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HTMS8x01 Datasheet HTML 7Page - NXP Semiconductors HTMS8x01 Datasheet HTML 8Page - NXP Semiconductors HTMS8x01 Datasheet HTML 9Page - NXP Semiconductors HTMS8x01 Datasheet HTML 10Page - NXP Semiconductors HTMS8x01 Datasheet HTML 11Page - NXP Semiconductors HTMS8x01 Datasheet HTML 12Page - NXP Semiconductors HTMS8x01 Datasheet HTML 13Page - NXP Semiconductors HTMS8x01 Datasheet HTML 14Page - NXP Semiconductors HTMS8x01 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
11 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
9.1.2 Memory organization HITAG µ Advanced
[1]
RO: Read without password, write with password
[2]
R/W: Read and write without password
Table 6.
Memory organization HITAG µ Advanced (512 bit)
Block address
Content
Password Access
FFh
User Config
FEh
PWD
0Fh
User Memory
bit4=0 R/W[2]
bit4=1 RO[1]
0Eh
0Dh
0Ch
0Bh
0Ah
09h
08h
07h
06h
05h
04h
03h
ISO 11784/ISO 11785 128-bit TTF data
bit3=0 R/W[2]
bit3=1 RO[1]
02h
01h
00h


Similar Part No. - HTMS8x01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTMS8301FTB/AF NXP-HTMS8301FTB/AF Datasheet
781Kb / 44P
   ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
HTMS8301FTK/AF NXP-HTMS8301FTK/AF Datasheet
781Kb / 44P
   ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
HTMS8301FUG/AM NXP-HTMS8301FUG/AM Datasheet
781Kb / 44P
   ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results

Similar Description - HTMS8x01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HT2X NXP-HT2X Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HT1X NXP-HT1X Datasheet
132Kb / 9P
   HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HTSICH56 NXP-HTSICH56 Datasheet
252Kb / 21P
   HITAG S transponder IC
Rev. 3.1-11 December 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
   HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
   HITAG 1 stick transponder
2001 Sep 24
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
HT2DC20S20 NXP-HT2DC20S20 Datasheet
73Kb / 16P
   HITAG 2 stick transponder
2001 Oct 01
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
[Old version datasheet]   Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
[Old version datasheet]   Controller Entry Transponder IC
logo
NXP Semiconductors
HITAG NXP-HITAG Datasheet
781Kb / 44P
   ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com