Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP4-DC12V Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # HP4-DC12V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP4-DC12V Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button HP4-DC12V Datasheet HTML 3Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 4Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 5Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 6Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 7Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 8Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 9Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 10Page - Panasonic Semiconductor HP4-DC12V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HP
Dimensions and mounting method
mm inch
HP Inserting Plate for HP2 and HP4 types
For Cautions for Use, see Relay Technical Information
Thickness of a special bracket
1.0 mm (.039 inch)
1.6 mm (.063 inch)
2.0 mm (.079 inch)
A suitable screw
M3
× 7-M3 × 8
M3
× 8
M3
× 8-M3 × 10
A suitable washer
for M3
for M3
for M3
Screw
M
3
×
7
Millimeter
3mm .118inch diameter
7mm .276inch length
25
.984
50
1.969
8.5
.335
8.5
.335
MIN.
26
1.024
MIN.
26
1.024
20
.787
25
.984
25
.984
42
1.654
27
1.063
51
2.008
KEYING TAB
3 mm SCREW
3 mm SCREW
PANEL
BRACKET
BRACKET
42
1.654
28.5
1.122
44 1.732
51 2.008
KEYING
TAB
3 mm SCREW
3 mm SCREW
PANEL
20
.787
7
.276
7
.276
51
2.008
51
2.008
4.5 DIA. HOLE
.177 DIA. HOLE
4.5 DIA. HOLE
.177 DIA. HOLE
3.2 DIA. HOLE
.126 DIA. HOLE
3.2 DIA. HOLE
.126 DIA. HOLE
50
1.969
MIN.
26
1.024
25
.984
25
.984
4.5 DIA. HOLE
.177 DIA. HOLE
25
.984
44
1.732
MIN.
26
1.024
13 .512
14.5 .571
44
1.732
13 .512
14.5 .571
4.5 DIA. HOLE
.177 DIA. HOLE
HP2
HP4
1. Rear-surface mounting
2. Front-surface mounting
1. HP inserting plate is used for mounting
HP2 and HP4 relays on a printed board
to adjust the length of the terminals.
2. If adjustment by soldering is not
suitable, bore 1/8" diameter hole on the
printed circuit board and mount the relay
with a M3
× 10 screw. The chart to the
right suggests the proper screws for
different printed circuit boards.
3. Two plates are used for the HP4 type
relay.
Thickness of P/C board
Suitable screw
1.0 mm .039 inch
M3
× 10
1.2 mm .047 inch
M3
× 10
PC board pattern
15
.591
3
.118
3
.118
36
1.417
16
.630
7.3
.287
4.5 .177
16.5 .650
25 .984
2 .079
8 .315
4 DIA. HOLE
.157 DIA. HOLE
Please refer to the above second instruction.
10
.394
1.0
.039
1.0
.039
10
.394
10
.394
25
.984
7.5
.295
7.5
.295
9.5
.374
9.5
.374
15
.591
15
.591
15
.591
8.9
.350
8.9
.350
5.8 .228
5.8
.228
5.8 .228
5.8 .228
3.2 DIA. HOLE
.126 DIA. HOLE
3.2 DIA. HOLE
.126 DIA. HOLE
HP2
HP4
Tolerance:
±0.1 ±.004
46
1.811
5
.197
HP INSERTION
PLATE
PC BOARD
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP4-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP4-DC12V NAIS-HP4-DC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP4-DC12V-F PANASONIC-HP4-DC12V-F Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP4-DC12V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com