Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM13W6P-1015 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # RM13W6P-1015
Description  D-SUB PLUG CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

RM13W6P-1015 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  RM13W6P-1015 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.500 63.50
2.728 69.29
.246 6.25
.492 12.50
2.182 55.42
2X
.120 3.05
6X 222-010-00420
CL
FLANGE
REFERENCE
.329 8.36
.232 5.89
.490 12.45
MAX
.036 .91
A
.100 2.54
6X
.144 3.66
7X
.040 1.02
.270 6.86
.093 2.36
.172 4.37
.437 11.10
.652 16.56
.761 19.33
.870 22.10
.978 24.84
.707 17.96
.815 20.70
.924 23.47
.358 9.09
.623 15.82
.888 22.56
.470 11.94
SHELL FLANGE
REFERENCE
.004[0.10] A
.004[0.10] A
A
13X .020 .51
MAX
7X
.024 .61
6X
.125 3.18
7X .115 2.92
DETAIL A
SCALE 2 : 1
CATALOG P/N: RM13W6P-1015
NOTES: UNLESS OTHERWISE SPECIFIED
1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD10-0000.
2. SEE CONTACT SALES DRAWING FOR CONTACT SPECIFICATIONS
2. MATERIAL SPECIFICATIONS:
SHELLS: COLD ROLLED STEEL PER ASTM A568
SIGNAL CONTACTS: BRASS PER ASTM B16
INSULATOR: GLASS FILLED
3. FINISH SPECIFICATIONS:
SHELLS: TIN PLATE PER ASTM B545
SIGNAL CONTACTS: .000030 IN. MIN Au PER ASTM B488 OVER
.000050 IN. MIN Ni PER SAE-AMS-QQ-N-290
INSULATOR: BLACK
RECOMMENDED HOLE
PATTERN; SHOWN FROM
COMPONENT SIDE OF
PCB
A
REV
A
SDRM13W6P-1015
WincheserElecronics
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
BY
DATE APPD
EWR-ER07-3302
DESCRIPTION
A
REV
06/27/07
PM
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
06/27/07
MA
DATE
APPROVED
06/26/07
RDG
DATE
DRAWN
CUSTOMER
DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 1:1
1
SHT
OF
1
D-SUB PLUG CONNECTOR


Similar Part No. - RM13W6P-1015

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
   D-SUB PLUG CONNECTOR
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
   D-SUB PLUG CONNECTOR
More results

Similar Description - RM13W6P-1015

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
   D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
   D-SUB CONNECTOR PLUG
logo
Winchester Electronics ...
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
   D-SUB PLUG CONNECTOR
logo
3M Electronics
89809-8000 3M-89809-8000 Datasheet
37Kb / 3P
   D Sub Plug Connector
logo
Winchester Electronics ...
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
   D-SUB PLUG CONNECTOR
logo
CONEC Elektronische Bau...
163X10019X CONEC-163X10019X Datasheet
70Kb / 1P
   D-SUB PLUG CONNECTOR
logo
3M Electronics
8200 3M-8200 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
logo
Adam Technologies, Inc.
DC37-PA-M1 ADAM-TECH-DC37-PA-M1 Datasheet
80Kb / 1P
   D-SUB PLUG
DD50-PE-1 ADAM-TECH-DD50-PE-1 Datasheet
82Kb / 1P
   D-SUB PLUG
DE09-PUN-24 ADAM-TECH-DE09-PUN-24 Datasheet
90Kb / 1P
   D-SUB PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com