Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-AC220V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HP2-AC220V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP2-AC220V Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button HP2-AC220V Datasheet HTML 3Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 4Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 5Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 6Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 7Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 8Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 9Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 10Page - Panasonic Semiconductor HP2-AC220V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HP
HP2-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or the rear
of the panel.
5
.197
5
.197
22
.866
4.1
.161
6.2 .244
1.0 .039
6 .236
30
1.181
56
2.205
48
±0.2
1.890
±.008
38
1.496
33
1.299
5.5
.217
13
.512
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
34 +1
–0
1.339+0.39
–0
24 +0.1
–0
.945 +.004
–0
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
48
±0.5
1.890
±.020
39
1.535
31
1.220
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
HOLD-DOWN CLIP
HP RELAY
4 mm SCREW
SPRING WASHER
PANEL
HP SOCKET
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
PANEL
SPRING WASHER
4 mm SCREW
13
.512
14
.551
52
±3
2.047
±.118
53
±3
2.087
±.118
mm inch
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
HP2-SFD (with hold-down clip)
Front wiring in restricted space
23.8±0.6
.937±.024
HOLD DOWN CLIP
HP2 RELAY
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
5.8±0.2
.228±.008
7.5±0.2
.295±.008
9.5±0.2
.374±.008
4.1±0.3
.161±.012
6±0.3
.236±.012
35.4±0.5
1.394±.020
0.6±0.15
.024±.006
10±0.2
.394±.008
22±0.6
.866±.024
15±0.2
.591±.008
80±1
3.150±.039
10±0.6
.394±.024
37.9±0.6
1.492±.024
33.8±0.6
1.331±.024
Max. 85 3.346
Max. 89 3.504
58±1
2.283±.039
36±1
1.417±.039
69±1
2.717±.039
Mounting dimensions
Note: Hold down clip and installation screw block are
included in package.
Panel hole dimensions
for side-by-side installation
12
.472
22±0.2
.866±.008
22±0.2
.866±.008
30
1.181
30
1.181
4 .157
69±0.5
2.717±.020
80
3.150
2-M4 .157 SCREW HOLE or
4.2±0.1 .165±.004 DIA. HOLE
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
HP2-TM (2 Form C) Top mounting types
2.8
.110
46.8
1.843
24.7
.972
0.8
.031
0.8
.031
45.5
1.791
35.7
1.406
5.26
.207
5.26
.207
4.5
.177
10
.394
9.5 .374
5.5 .217
7.5 .295
5.8 .228
5.3 .209
2.25R .089R
58
2.283
25
.984
15
.591
7
.276
Accepts
Faston 205
Circuit diagram
Mounting dimensions
52.3
2.059
35.7
1.406
4 mm SCREW or
8-32 NC-2 SCREW
SCREW WASHER
PANEL
45.5
1.791
2
.079
30
1.181
4.5
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.117
±.004 DIA. HOLE
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP2-AC220V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP2-AC220V PANASONIC-HP2-AC220V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP2-AC220V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com