Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-AC12V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # HP3-AC12V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-AC12V Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button HP3-AC12V Datasheet HTML 2Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 3Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 4Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 5Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 6Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 7Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 8Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 9Page - Panasonic Semiconductor HP3-AC12V Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HP
ACCESSORIES
Please refer to “MOUNTING METHODS” for further information.
UL, CSA recognized except BRACKET and INSERTING PLATE.
DIMENSIONS AND WIRING DIAGRAM
mm inch
HP
Relay
Solder terminal socket
for rectangular hold boring
(with hold-down clip)
Screw terminal socket
for DIN rail assembly
(with hold-down clip)
For HP2, HP4
HP2
HP2-SRS
(UL, CSA, VDE)
HP2-SFD
(UL, CSA)
HP-BRACKET
for direct mounting
HP3
HP3-SRS
(UL, CSA, VDE)
HP3-SFD
(UL, CSA)
HP INSERTION PLATE for P/C
board mounting
HP4
HP4-SRS
(UL, CSA)
HP4-SFD
(UL, CSA)
HP2 (2 Form C) Plug-in terminal types
0.5
.020
44
1.732
51
2.008
5
.197
5
.197
8
.315
25
.984
15
.591
0.8 .031
5.26
.207
10
.394
5.26 .207
36
1.417
9.5 .374
7.5 .295
5.8 .228
5.3 .209
Accepts
Faston 205
Circuit diagram
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP3-AC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP3-AC100V PANASONIC-HP3-AC100V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HP3-AC115V PANASONIC-HP3-AC115V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP3-AC12V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com