Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP2-L-DC48V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # HP2-L-DC48V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP2-L-DC48V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  HP2-L-DC48V Datasheet HTML 1Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 2Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 3Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 4Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 5Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 6Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 7Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 8Page - Panasonic Semiconductor HP2-L-DC48V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HP
AC TYPE (50/60 Hz) at 60 Hz, 20
°C 68°F
NOTES
2. Standard plug-in terminal type (with lamp wired)
DC TYPES at 20
°C 68°F
Type
Part No.
Nominal coil
voltage, V AC
Pick-up
voltage,
V AC (max.)
Drop-out
voltage,
V AC (min.)
Max.
allowable
voltage, V AC
Inductance,
H
Nominal coil
current, mA
Nominal
operating
power, VA
2 Form C
HP2-AC6V
6
4.8
1.8
6.6
0.049
310
1.9
HP2-AC12V
12
9.6
3.6
13.2
0.190
160
1.9
HP2-AC24V
24
19.2
7.2
26.4
0.776
78
1.9
HP2-AC48V
48
38.4
14.4
52.8
3.106
39
1.9
HP2-AC115V
115
92
34.5
126.5
15.83
18
2.1
HP2-AC220V
220
176
66
242
57.90
9.5
2.1
HP2-AC240V
240
192
72
264
66.26
9.0
2.2
3 Form C
HP3-AC6V
6
4.8
1.8
6.6
0.030
520
3.1
HP3-AC12V
12
9.6
3.6
13.2
0.119
260
3.1
HP3-AC24V
24
19.2
7.2
26.4
0.475
130
3.1
HP3-AC48V
48
38.4
14.4
52.8
1.899
65
3.1
HP3-AC115V
115
92
34.5
126.5
10.36
28.5
3.3
HP3-AC220V
220
176
66
242
39.32
14.2
3.1
HP3-AC240V
240
192
72
264
44.05
13.9
3.3
4 Form C
HP4-AC6V
6
4.8
1.8
6.6
0.019
800
4.8
HP4-AC12V
12
9.6
3.6
13.2
0.077
400
4.8
HP4-AC24V
24
19.2
7.2
26.4
0.309
200
4.8
HP4-AC48V
48
38.4
14.4
52.8
1.292
95
4.6
HP4-AC115V
115
92
34.5
126.5
6.953
42
4.8
HP4-AC220V
220
176
66
242
26.57
21
4.6
HP4-AC240V
240
192
72
264
29.75
20.5
4.9
Type
Part No.
Nominal coil
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable
voltage,
V DC
Coil
resistance,
Ω (±10%)
Nominal coil
current,
mA
Nominal
operating
power,
W
2 Form C
LED
HP2-L-DC6V
6
4.8
0.9
6.6
25
240
1.5
HP2-L-DC12V
12
9.6
1.8
13.2
110
109
1.3
HP2-L-DC24V
24
19.2
3.6
26.4
440
54.5
1.3
HP2-L-DC48V
48
38.4
7.2
52.8
1,800
26.7
1.3
Neon lamp
HP2-L-DC110V
110
88
16.5
121
7,300
15.0
1.7
3 Form C
LED
HP3-L-DC6V
6
4.8
0.9
6.6
24
250
1.5
HP3-L-DC12V
12
9.6
1.8
13.2
100
120
1.4
HP3-L-DC24V
24
19.2
3.6
26.4
400
60
1.4
HP3-L-DC48V
48
38.4
7.2
52.8
1,560
31
1.5
Neon lamp
HP3-L-DC110V
110
88
16.5
121
7,450
14.9
1.6
4 Form C
LED
HP4-L-DC6V
6
4.8
0.9
6.6
22
273
1.6
HP4-L-DC12V
12
9.6
1.8
13.2
95
127
1.5
HP4-L-DC24V
24
19.2
3.6
26.4
380
63
1.5
HP4-L-DC48V
48
38.4
7.2
52.8
1,500
32
1.5
Neon lamp
HP4-L-DC110V
110
88
16.5
121
7,000
15.7
1.7
1. The range of coil current for AC relays
is
±15% (60 Hz). For DC relays it is
±10% at 20°C, 68°F.
2. The HP relay will operate in a range
from 80% to 110% of the nominal coil
voltage. It is, however, recommended
that the relay be used in the range of
85% to 110% of the nominal coil
voltage, with the temporary voltage
variation taken into consideration.
3. When the operating voltage of AC
relays drops below 80% of the nominal
coil voltage, the relay will generate a
considerable amount of heat which is
not recommended for maximum
efficiency.
4. The coil resistance of DC types is the
measured value of the coil at a
temperature of 20
°C 68°F. If the coil
temperature changes by
±1°C, the
measured value of the coil resistance
should be increased or decreased by
0.4%.
5. For applications from 220 V to 240 V
DC, connect a resistor in series with
the relay coil. See chart for resistor
values.
Voltage
2 Form C 3 Form C 4 Form C
220 V DC
7.3 k
(5 W)
7.45 k
(5 W)
7 k
(5 W)
240 V DC
8.7 k
(5 W)
8.8 k
(5 W)
8.3 k
(5 W)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP2-L-DC48V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP2-L-DC48V NAIS-HP2-L-DC48V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP2-L-DC48V PANASONIC-HP2-L-DC48V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP2-L-DC48V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com