Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBL460MIF12W Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HBL460MIF12W
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL460MIF12W Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HBL460MIF12W Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 9Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 10Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 11Page - List of Unclassifed Manufacturers HBL460MIF12W Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
10
30A, 40A and 50A
600V AC Manual Motor Controllers/Disconnects
Amp
Poles
Toggle-type
Wire
HP Rating
Catalog Number
120V AC
240V AC
480V AC
600V AC
30
2
Standard
Back/Side
2
5
10
15
HBL7832D
2
Short
Back/Side
2
5
10
15
HBL7832DS
2
Standard
Back/Side
2
5
10
15
HBL7832DX*
3
Standard
Back/Side
3
7.5
15
20
HBL7810D
3
Short
Back/Side
3
7.5
15
20
HBL7810DS
40
2
Standard
Side
2
5
10
15
HBL7842D
3
Standard
Side
3
7.5
15
20
HBL7843D
50
2
Standard
Side
2
5
10
15
HBL7852D
3
Standard
Side
3
7.5
15
25
HBL7853D
60
2
Standard
Back
10
15
20
HBL7862D
3
Standard
Back
10
25
30
HBL7863D
2
Standard
Front
10
15
20
HBL7862FWD
3
Standard
Front
10
25
30
HBL7863FWD
85
2
Standard
Back
10
15
20
HBL7882D
3
Standard
Back
10
25
40
HBL7883D
Optional Side Guard, for close wall applications and finger safe environments.
HBLFG30
Note: *
HBL7832DX is a 50 piece bulk pack of the HBL7832D.
HBL7810D
HBL7863D
HBL7853D
HBLFG30
600V AC Manual Motor Controllers/Disconnects
“Suitable as Motor Disconnects”
For use in nearly any industrial environment, Hubbell AC Manual Motor
Controllers/Disconnects can be easily integrated into equipment and
enclosures for either box or panel-mount installation. Rated “Suitable
as Motor Disconnect,” they feature a quick make and slow break
operation that ensures reliability and long life. Hubbell AC Manual
Motor Controllers/Disconnects have a 10,000 Amp high fault short
circuit withstand rating and a heat-resistant thermoset body that
provides resistant to arc tracking and superior dielectric strength.
The 30 Amp controller features a brass terminal screw clamping plate
for secure back or side wiring, and the 60 Amp version is available
with front or back wiring.
• All switches are “Suitable as a Motor Disconnect”
• Strong “ON/OFF” action with a quick make and
slow break operation
• Heat-resistant thermoset body provides superior
dielectric strength
• Optional side guards available for close wall
applications and finger safe environments
60A and 85A


Similar Part No. - HBL460MIF12W

ManufacturerPart #DatasheetDescription
logo
Dc Components
HBL4A DCCOM-HBL4A Datasheet
247Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
HBL4B DCCOM-HBL4B Datasheet
247Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
HBL4D DCCOM-HBL4D Datasheet
247Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
HBL4G DCCOM-HBL4G Datasheet
247Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
HBL4J DCCOM-HBL4J Datasheet
247Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - HBL460MIF12W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com