Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBL560MIF9W Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HBL560MIF9W
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL560MIF9W Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HBL560MIF9W Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 9Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 10Page - List of Unclassifed Manufacturers HBL560MIF9W Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
7
• Plug and switch are interlocked for superior safety
• UL1686 C1 listed and fully interchangeable with other UL1686 C1 devices
• Compact size and footprint for easy placement
• NEMA 4X with receptacle lid turned shut or with plug locking ring tightened
Unfused Mechanical Interlocks and Plugs
Amp
Poles/Wires
Voltage AC
Receptacle
Plug
30
3 Pole, 2 Wire
600V AC
HBLVSQ3023
HBLVP3385
4 Pole, 3 Wire
600V AC
HBLVSQ3034
HBLVP3485
60
3 Pole, 2 Wire
600V AC
HBLVSQ6023
HBLVP6385
4 Pole, 3 Wire
600V AC
HBLVSQ6034
HBLVP6485
Note: HBLVSQ Series 30A models come standard with 1" drilled and tapped conduit openings top and bottom plus two 1" x ¾"
reducers and one ¾" close-up plug for maximum flexibility.
60A models come with one 1½" opening on top and bottom and one 1½" close-up plug.
Hubbell’s hazardous location unfused disconnect and mechanical
interlock switches are ideal for applications with the presence of
flammable gases or vapors, or ignitable dusts and fibers. They
are also suitable for use in outdoor or indoor damp, wet and dirty
locations or in areas where frequent wash-downs, heavy rain or
water spray routinely occurs. Compact in size to reduce cost
over industry standard sizes, these switches are easy to position
on the wall or piece of equipment. The enclosures are made of
copper-free aluminum and have a polyester/epoxy finish to prevent
corrosion. The high visibility handles can be locked to meet OSHA
lockout/tagout regulations.
Hubbell hazardous location mechanical interlocks and plugs offer
superior safety. The plug and switch are interlocked so that the
switch cannot be turned “ON” without the plug fully inserted, and
the plug cannot be removed when the switch is in the “ON” position.
The switch features a copper-free aluminum construction with
epoxy finish and a chemical-resistant Valox® handle mechanism.
HBLB7NFD26A
HBLB7NFD13A
Unfused Disconnect Switches
3 Pole 600V AC/230V DC
Amp
Description
Catalog Number
30
Disconnect switch.
HBLB7NFD13A
Disconnect switch with auxiliary contact.
HBLB7NFD13AA
60
Disconnect switch.
HBLB7NFD26A
Disconnect switch with auxiliary contact.
HBLB7NFD26AA
100
Disconnect switch.
HBLB7NFD21A
Disconnect switch with auxiliary contact.
HBLB7NFD21AA
Hazardous Location Unfused Disconnect Switches,
Mechanical Interlocks and Plugs
Heavy Duty Industrial Environments
• Compact size provides application flexibility and cost savings
• Fewer cover bolts reduces installation and maintenance time
• Removable ductile mounting lugs adjust to irregular mounting surfaces
• UL 98 certified switch
HBLVSQ3034
HBLVP3485
Class I, Div. 1 & 2, Groups B,C,D
Class l, Zones 1 & 2, Groups llB+ H2, llA
Class II, Div. 1 & 2, Groups E,F,G
Class III
NEMA 3, 4, 4X, 7(B,C,D), 9(E,F,G)
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.


Similar Part No. - HBL560MIF9W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL5006 ONSEMI-HBL5006 Datasheet
65Kb / 7P
   LED Shunt HBL5006 Series
August, 2014 ??Rev. 0
HBL5006HT1G ONSEMI-HBL5006HT1G Datasheet
65Kb / 7P
   LED Shunt HBL5006 Series
August, 2014 ??Rev. 0
HBL5006P2T5G ONSEMI-HBL5006P2T5G Datasheet
65Kb / 7P
   LED Shunt HBL5006 Series
August, 2014 ??Rev. 0
HBL5006XV2T1G ONSEMI-HBL5006XV2T1G Datasheet
65Kb / 7P
   LED Shunt HBL5006 Series
August, 2014 ??Rev. 0
logo
List of Unclassifed Man...
HBL5466C ETC2-HBL5466C Datasheet
168Kb / 4P
   HBL5466C -- Insulgrip Series Plug
More results

Similar Description - HBL560MIF9W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com