Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-L-DC110V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HP3-L-DC110V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-L-DC110V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HP3-L-DC110V Datasheet HTML 1Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 2Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 3Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 4Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 5Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 6Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 7Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 8Page - Panasonic Semiconductor HP3-L-DC110V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HP
Contact rating and expected life For DC load type
TYPICAL APPLICATIONS
ORDERING INFORMATION
TYPES AND COIL DATA
1. Standard plug-in terminal type (without lamp wired)
DC TYPES at 20
°C 68°F
Voltage
24 V DC
125 V DC
Expected life
(min. operations)
Electrical
life
Load
Resistive (cos
ϕ ] 1)
Inductive (cos
ϕ ] 0.4)
Resistive (cos
ϕ ] 1)
Inductive (cos
ϕ ] 0.4)
Current
7 A
——
2
×105
7.5 A
5 A
0.5 A
0.4 A
5
×105
5 A
3 A
0.3 A
0.2 A
1
×106
1A
0.6 A
0.1 A
0.06 A
2
×106
Mechanical life
1
×107
Type
Part No.
Nominal coil
voltage, V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Max.
allowable
voltage, V DC
Coil
resistance,
Ω (±10%)
Nominal coil
current, mA
Nominal
operating
power, W
2 Form C
HP2-DC6V
6
4.8
0.9
6.6
25
240
1.5
HP2-DC12V
12
9.6
1.8
13.2
110
109
1.3
HP2-DC24V
24
19.2
3.6
26.4
440
54.5
1.3
HP2-DC48V
48
38.4
7.2
52.8
1,800
26.7
1.3
HP2-DC110V
110
88
16.5
121
7,300
15.0
1.7
3 Form C
HP3-DC6V
6
4.8
0.9
6.6
24
250
1.5
HP3-DC12V
12
9.6
1.8
13.2
100
120
1.4
HP3-DC24V
24
19.2
3.6
26.4
400
60
1.4
HP3-DC48V
48
38.4
7.2
52.8
1,560
31
1.5
HP3-DC110V
110
88
16.5
121
7,450
14.9
1.6
4 Form C
HP4-DC6V
6
4.8
0.9
6.6
22
273
1.6
HP4-DC12V
12
9.6
1.8
13.2
95
127
1.5
HP4-DC24V
24
19.2
3.6
26.4
380
63
1.5
HP4-DC48V
48
38.4
7.2
52.8
1,500
32
1.5
HP4-DC110V
110
88
16.5
121
7,000
15.7
1.7
Life curve
Notes:
1. For DC inductive loads, use an arc
suppressing circuit.
2. When used under a DC load operating at
high repetition rate with considerable arcing,
corrosion of the contacts and/or the contact
blades is likely to occur. When using the relay
under conditions of high temperature, humidity
or high repetition rate, it is suggested that the
relay cover be removed to facilitate extended
operation.
10
0
100
200
300
400
500
600
700
800
900
1,000
Load current, A
125 V AC
cosϕ = 1
5
0
V AC
cosϕ = 1
Mechanical life
more than 10,000,000
operations
HP relays enjoy wide use in various
applications, particularly in automation
controls and remote controls.
Applications include:
Industrial machinery
Machine tool
Food processing packing machines
Office equipment
Coin operate devices
Home appliances
Transportation
Communication and measuring devices
Amusement devices
Ex.
HP
3
Contact arrangement
2: 2 Form C
3: 3 Form C
4: 4 Form C
(Notes) 1. For UL/CSA or VDE recognized types, add suffix UL/CSA or VDE (HP2-TM type VDE application under way)
2. Standard packing Carton: 50 pcs. Case: 200 pcs.
3. UL/CSA approved type is standard.
Nil: Standard plug-in terminal
M: Direct mounting (3 Form C only)
TM: Top mounting (2 Form C only)
L: Lamp wired, standard plug-in terminal
AC 6, 12, 24, 48,
115, 220, 240 V
DC 6, 12, 24, 48,
110 V
Terminal
Coil voltage
M
AC240V
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP3-L-DC110V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP3-L-DC110V NAIS-HP3-L-DC110V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP3-L-DC110V PANASONIC-HP3-L-DC110V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP3-L-DC110V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com