Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBL2740SW Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HBL2740SW
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL2740SW Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HBL2740SW Datasheet HTML 1Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL2740SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
3
Non-metallic disconnect switches control motor loads in wet or
corrosive environments, while MotorQuick® provides faster motor
change-outs and VFD switches reduce equipment damage and
stress on electrical systems.
Fused and Unfused Non-Metallic
Disconnect Switches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 4
MotorQuick® and VFD Switches . . . . . . . . . . . . . . . . . . . . . Page 5
Circuit-Lock® Non-Metallic Disconnect Switches, MotorQuick® and VFDs
Stainless steel disconnect switched enclosures are ideal for
withstanding harsh environments, while hazardous location
disconnects prevent explosion hazards where flammable gases
and combustible particles are present.
NEMA 4X Stainless Steel Disconnect Switches . . . . . . . . . Page 6
Hazardous Location Disconnects and
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 7
Stainless Steel, Hazardous Location Disconnects and Mechanical Interlocks
Hubbell’s line of mechanical interlocks provide a horsepower rated
receptacle and a means of disconnect for a variety of portable
equipment, while eliminating the possibility of making lazy
connections or breaking circuits under load.
IEC and Insulgrip® Pin and Sleeve
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 8
Watertight Safety-Shroud® Twist-Lock®
Mechanical Interlocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 9
IEC and Insulgrip® Pin and Sleeve; Twist-Lock® Mechanical Interlocks
Motor loads in industrial environments are easily disconnected with
Hubbell’s complete line of AC manual motor controllers/disconnects,
available in a wide variety of enclosure types including NEMA® 1, 3R
or 4X.
AC Manual Motor Controllers/Disconnects . . . . . . . . . . . . Page 10
Enclosed AC Manual Motor Controllers/Disconnects . . . . . .Page 11
Horsepower Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12
600V AC Manual Motor Controllers/Disconnects and Enclosures
NEMA® is a registered trademark of the National Electrical Manufacturers Association.


Similar Part No. - HBL2740SW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL2020 ONSEMI-HBL2020 Datasheet
47Kb / 3P
   1-Channel ESD Protector
June, 2015 ??Rev. 0
HBL2020RP ONSEMI-HBL2020RP Datasheet
47Kb / 3P
   1-Channel ESD Protector
June, 2015 ??Rev. 0
logo
CINCON ELECTRONICS Corp...
HBL210 CINCON-HBL210 Datasheet
422Kb / 12P
   HEATSINK KIT for DC/DC CONVERTERS
logo
List of Unclassifed Man...
HBL21233470W ETC-HBL21233470W Datasheet
70Kb / 3P
   Magnetic Hydraulic Circuit Breaker H Series 1Pole 50Hz/60Hz Instantaneous Delay Handle Type One Per
HBL2123347BK ETC-HBL2123347BK Datasheet
70Kb / 3P
   Magnetic Hydraulic Circuit Breaker H Series 1Pole 50Hz/60Hz Instantaneous Delay Handle Type One Per
More results

Similar Description - HBL2740SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com