Electronic Components Datasheet Search |
|
HP3-L-AC240V Datasheet(PDF) 10 Page - Panasonic Semiconductor |
|
HP3-L-AC240V Datasheet(HTML) 10 Page - Panasonic Semiconductor |
10 / 11 page HP ACCESSORIES for HP2 and HP4 types HP Bracket (with 2 screws, 2 washers) HP4-SRS (with hold-down clip) Optimum space-saving panel cut-out. Can be mounted from either the front or the rear of the panel. 5 .197 5 .197 56 2.205 22 .866 4.1 .161 6.2 .244 58 2.283 38 1.496 33 1.299 5.5 .217 13 .512 1.0 .039 6 .236 48 ±0.2 1.890 ±.008 Front surface-mounting Rear surface-mounting 48 ±0.5 1.890 ±.020 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 34 +1 –0 1.339 +.039 –0 48 +1 –0 +.039 –0 48 ±0.5 1.890 ±.020 4.2 ±0.1 DIA. HOLE or 4 mm SCREW HOLE .165 ±.004 DIA. HOLE 39 +1 –0 1.535 +.039 –0 58 +1 –0 2.284+.039 –0 HOLD-DOWN CLIP HP RELAY 4 mm SCREW SPRING WASHER PANEL HP SOCKET HOLD-DOWN CLIP HP RELAY HP SOCKET PANEL SPRING WASHER 4 mm SCREW 13 .512 14 .551 52 ±3 2.047 ±.118 53 ±3 2.087 ±.118 mm inch Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 HP4-SFD (with hold-down clip) Front wiring in restricted space. Two HP2 relays can be mounted in one socket. 80±1 3.150±.039 35.4±0.5 1.394±.020 23.8±0.6 .937±.024 Installation screw block (installation screw, hexagonal nut, spring washer) Max. 85 3.346 Max. 89 3.504 10±0.6 .394±.024 33.8±0.6 1.331±.024 37.9±0.6 1.492±.024 HOLD DOWN CLIP HP4 RELAY 58±1 2.283±.039 36±1 1.417±.039 69±1 2.717±.039 6±0.3 .236±.012 53±0.6 2.087±.024 15±0.2 .591±.008 15±0.2 .591±.008 4.1±0.3 .161±.012 25±0.1 .984±.004 5.8±0.2 .228±.008 10±0.2 .394±.008 10±0.2 .394±.008 7.5±0.2 .295±.008 9.5±0.2 .374±.008 0.6±0.15 .024±.006 Mounting dimensions 12 .472 53±0.2 2.087±.008 53±0.2 2.087±.008 2-M4 .157 SCREW HOLE or 4.2±0.1 .165±.004 DIA. HOLE Panel hole dimensions for side-by-side installation 61 2.402 61 2.402 4 .157 69±0.5 2.717±.020 80 3.150 Note: Hold down clip and installation screw block are included in package. Dimension : General tolerance Max. 2mm .079 inch: ±0.2 ±.008 2 to 9mm .079 to .354 inch: ±0.5 ±.020 9 to 20mm .354 to .787 inch: ±1.0 ±.039 Min. 20mm .787 inch: ±1.5 ±.059 The HP Bracket is used for mounting HP2 relays and HP4 relays directly to the panel. It facilitates soldering or quick connections with Faston 205 tab 0.8 mm .031 inch. Notes: 1. This bracket is unavailable for UL, CSA and VDE applications. 2. When using the special bracket, it is recommended to use the screws and washers called out in the chart in the next page in order to eliminate any possible damage to the relay coil. Mounting methods (a) Remove the M3 × 7 screw (red colored) fixed to the relay, and place the bracket on the relay with the attaching M3 × 7 screw (blue colored) and the spring washer. (b) Use the additional M3 × 7 screw and washer for attaching the bracket to the panel. For the HP4 type relay two brackets are used Keying tab. 8 .315 14 .551 4 .158 23 .906 20 .787 8.5 .335 1 .039 14 .551 90 °±3° 2 .079 3.5 DIA. HOLE .138 DIA. HOLE 3 DIA. HOLE .118 DIA. HOLE All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
Similar Part No. - HP3-L-AC240V |
|
Similar Description - HP3-L-AC240V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |