Electronic Components Datasheet Search |
|
HP2-TM-DC6V Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
HP2-TM-DC6V Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 11 page HP AC TYPE (50/60 Hz) at 60 Hz, 20 °C 68°F 3. Top Mounting (TM) and direct mounting (M) type DC TYPES at 20 °C 68°F AC TYPE (50/60 Hz) at 60 Hz, 20 °C 68°F Type Part No. Nominal coil voltage, V AC Pick-up voltage, V AC (max.) Drop-out voltage, V AC (min.) Max. allowable voltage, V AC Inductance, H Nominal coil current, mA Nominal operating power, VA 2 Form C LED HP2-L-AC6V 6 4.8 1.8 6.6 0.049 310 1.9 HP2-L-AC12V 12 9.6 3.6 13.2 0.190 160 1.9 HP2-L-AC24V 24 19.2 7.2 26.4 0.776 78 1.9 Neon lamp HP2-L-AC115V 115 92 34.5 126.5 15.83 18 2.1 HP2-L-AC220V 220 176 66 242 57.90 9.5 2.1 HP2-L-AC240V 240 192 72 264 66.26 9.0 2.2 3 Form C LED HP3-L-AC6V 6 4.8 1.8 6.6 0.030 520 3.1 HP3-L-AC12V 12 9.6 3.6 13.2 0.119 260 3.1 HP3-L-AC24V 24 19.2 7.2 26.4 0.475 130 3.1 Neon lamp HP3-L-AC115V 115 92 34.5 126.5 10.36 28.5 3.3 HP3-L-AC220V 220 176 66 242 39.32 14.2 3.1 HP3-L-AC240V 240 192 72 264 44.05 13.9 3.3 4 Form C LED HP4-L-AC6V 6 4.8 1.8 6.6 0.019 800 4.8 HP4-L-AC12V 12 9.6 3.6 13.2 0.077 400 4.8 HP4-L-AC24V 24 19.2 7.2 26.4 0.309 200 4.8 Neon lamp HP4-L-AC115V 115 92 34.5 126.5 6.953 42 4.8 HP4-L-AC220V 220 176 66 242 26.57 21 4.6 HP4-L-AC240V 240 192 72 264 29.75 20.5 4.9 Type Part No. Nominal coil voltage, V DC Pick-up voltage, V DC (max.) Drop-out voltage, V DC (min.) Max. allowable voltage, V DC Coil resistance, Ω (±10%) Nominal coil current, mA Nominal operating power, W 2 Form C Top Mounting Type (TM) HP2-TM-DC6V 6 4.8 0.9 6.6 25 240 1.5 HP2-TM-DC12V 12 9.6 1.8 13.2 110 109 1.3 HP2-TM-DC24V 24 19.2 3.6 26.4 440 54.5 1.3 HP2-TM-DC48V 48 38.4 7.2 52.8 1,800 26.7 1.3 HP2-TM-DC110V 110 88 16.5 121 7,300 15.0 1.7 3 Form C Direct Mounting Type (TM) HP3-M-DC6V 6 4.8 0.9 6.6 24 250 1.5 HP3-M-DC12V 12 9.6 1.8 13.2 100 120 1.4 HP3-M-DC24V 24 19.2 3.6 26.4 400 60 1.4 HP3-M-DC48V 48 38.4 7.2 52.8 1$B!"(J560 31 1.5 HP3-M-DC110V 110 88 16.5 121 7,450 14.9 1.6 Type Part No. Nominal coil voltage, V AC Pick-up voltage, V AC (max.) Drop-out voltage, V AC (min.) Max. allowable voltage, V AC Inductance, H Nominal coil current, mA Nominal operating power, VA 2 Form C Top Mounting Type (TM) HP2-TM-AC6V 6 4.8 1.8 6.6 0.049 310 1.9 HP2-TM-AC12V 12 9.6 3.6 13.2 0.190 160 1.9 HP2-TM-AC24V 24 19.2 7.2 26.4 0.776 78 1.9 HP2-TM-AC48V 48 38.4 14.4 52.8 3.106 39 1.9 HP2-TM-AC115V 115 92 34.5 126.5 15.83 18 2.1 HP2-TM-AC220V 220 176 66 242 57.90 9.5 2.1 HP2-TM-AC240V 240 192 72 264 66.26 9.0 2.2 3 Form C Direct Mounting Type (M) HP3-M-AC6V 6 4.8 1.8 6.6 0.030 520 3.1 HP3-M-AC12V 12 9.6 3.6 13.2 0.119 260 3.1 HP3-M-AC24V 24 19.2 7.2 26.4 0.475 130 3.1 HP3-M-AC48V 48 38.4 14.4 52.8 1.899 65 3.1 HP3-M-AC115V 115 92 34.5 126.5 10.36 28.5 3.3 HP3-M-AC220V 220 176 66 242 39.32 14.2 3.1 HP3-M-AC240V 240 192 72 264 44.05 13.9 3.3 All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
Similar Part No. - HP2-TM-DC6V |
|
Similar Description - HP2-TM-DC6V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |