Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJFC7G Datasheet(PDF) 3 Page - Amphenol Corporation

Part # RJFC7G
Description  Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJFC7G Datasheet(HTML) 3 Page - Amphenol Corporation

  RJFC7G Datasheet HTML 1Page - Amphenol Corporation RJFC7G Datasheet HTML 2Page - Amphenol Corporation RJFC7G Datasheet HTML 3Page - Amphenol Corporation RJFC7G Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Plug :
Shell type 6
With Plastic or Metal Gland
Receptacles :
Type 1 : Female RJ45
Type 2 : RJ45 Cordset
Back Terminations :
Type 2 - 00 : Solder – 8 tined holes
Square flange receptacle
4 mounting holes : Shell type 2
Panel Drilling
Jam nut receptacle
Hexagonal Nut mounting :
Shell type 7
Panel Drilling
IP67 In line receptacles :
Shell type 2PE and 7PE with
Plastic or Metal Gland
Notes : - Type 2 without RJ45 plug at the end of the cable are also available : consult factory
- Type 1 also available with 90° female RJ45


Similar Part No. - RJFC7G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
More results

Similar Description - RJFC7G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJF21BSCC AMPHENOL-RJF21BSCC Datasheet
249Kb / 4P
   RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
JE18 AMPHENOL-JE18 Datasheet
490Kb / 4P
   Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
Vishay Siliconix
MODEL970-1036 VISHAY-MODEL970-1036 Datasheet
325Kb / 3P
   Industrial Sensor for Harsh Environment (Throttle Position/Through Hole)
Revision: 20-Mar-07
logo
Amphenol Corporation
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
   2004Ethernet ConnectionSystem for Harsh Environment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com