Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148-36 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9148-36
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-36 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9148-36 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 11Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 12Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 13Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 14Page - Integrated Circuit Systems ICS9148-36 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ICS9148-36
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating
IDD3.3OP
CL = 0 pF; 66.8 MHz
100
160
mA
Supply Current
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
2
ms
Settling Time
1
Ts
From 1st crossing to 1% target Freq.
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
2
ms
TCPU-PCI1
VT = 1.5 V; f = 66/100 MHz; CPU leads
1
2.4
4
ns
Skew
1
TCPU-PCI1
VT = 1.5 V; f = 83/75 MHz; CPU leads
1
3.8
4
ns
TAGP-PCI1
VT = 1.5 V; AGP Leads
220
500
ps
1Guaranteed by design, not 100% tested in production.
Ele ctrical Characte ristics - Input/Supply /Com m on Output Param e te rs
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAM ETER
SYM BOL
CONDITIONS
M IN
TYP
M AX
UNITS
Operating
IDD2.5OP
CL = 0 pF; 66.8 M Hz
10
20
mA
Supply Current
TCPU-PCI1
VT = 1.5 V; f = 66/100 M Hz; CPU leads
1
2.4
4
ns
Skew
1
TCPU-PCI1
VT = 1.5 V; f = 83/75 M Hz; CPU leads
1
3.8
4
ns
TAGP-PCI1
VT = 1.5 V; AGP Leads
220
500
ps


Similar Part No. - ICS9148-36

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results

Similar Description - ICS9148-36

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com