Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNAP-AIRTD Datasheet(PDF) 10 Page - Opto Electronics Co,. LTD

Part # SNAP-AIRTD
Description  SNAP Analog Input Modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

SNAP-AIRTD Datasheet(HTML) 10 Page - Opto Electronics Co,. LTD

Back Button SNAP-AIRTD Datasheet HTML 6Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 7Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 8Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 9Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 10Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 11Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 12Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 13Page - Opto Electronics Co,. LTD SNAP-AIRTD Datasheet HTML 14Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
SNAP Analog Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2001–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
10
Current Input Module, -20 mA to +20 mA, 32 Channels (continued)
Wiring diagram: SNAP-AIMA-HDB breakout rack to SNAP-AIMA-32 module
NOTE: This diagram also applies to the SNAP-AIMA-HDB-FM rack and the SNAP-AIMA-32-FM
module.
Use with loop power (2-wire) negative common devices only.
For self-powered (4-wire) devices, see page 31.
For positive common devices, see page 34.


Similar Part No. - SNAP-AIRTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-AIMA-HDB ETC2-SNAP-AIMA-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIMA-HDB-FM** ETC2-SNAP-AIMA-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB ETC2-SNAP-AIV-HDB Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
SNAP-AIV-HDB-FM** ETC2-SNAP-AIV-HDB-FM* Datasheet
1Mb / 29P
   SNAP TEX Cables and Breakout Boards
More results

Similar Description - SNAP-AIRTD

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-AOV-27 E-OEC-SNAP-AOV-27 Datasheet
383Kb / 15P
   SNAP Analog Output Modules
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
Grayhill, Inc
73G-II020 GRAYHILL-73G-II020 Datasheet
121Kb / 2P
   Analog Current Input Modules
logo
List of Unclassifed Man...
DI-8B32 ETC1-DI-8B32 Datasheet
333Kb / 2P
   Analog Current Input Modules
logo
Grayhill, Inc
73G-IV1 GRAYHILL-73G-IV1 Datasheet
121Kb / 3P
   Analog Voltage Input Modules
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
NISCXI-1120 NI-NISCXI-1120 Datasheet
91Kb / 7P
   SCXI 8-Channel Isolated Analog Input Modules
logo
Advantech Co., Ltd.
ADAM-4018 ADVANTECH-ADAM-4018 Datasheet
83Kb / 1P
   8-ch Analog Input Modules with Modbus
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com