Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBL13R13D Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HBL13R13D
Description  Manual Motor Controllers and Disconnects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HBL13R13D Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HBL13R13D Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 9Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 10Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 11Page - List of Unclassifed Manufacturers HBL13R13D Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
11
Circuit-Lock® NEMA 1 Enclosures without Switch
For use with 30A switches shown on page 10.
Description
Cover Material
Base Material
No. Equipment
Grounds
Catalog Number
For use with 30A switch.
Thermoplastic
Steel
1
HBL1390
For use with 30A switch.
Aluminum
Aluminum
2
HBL1370
HBL1390
HBL1370
HBL1389D
HBL1379D
Circuit-Lock® NEMA 1 Enclosures with Switch
Ideal for use in industrial environments, i.e. conveyor systems, industrial fans, etc.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
240V AC
480V AC
600V AC
30
2
Thermoplastic/Steel
2
5
10
15
HBL1392D
3
Thermoplastic/Steel
3
7.5
15
20
HBL1389D
30
2
Aluminum
2
5
10
15
HBL1372D
3
Aluminum
3
7.5
15
20
HBL1379D
HBL13R22D
HBL13R12D
HBL13R89D
HBL16R93D
Circuit-Lock® NEMA 3/3R Enclosures with Switch*
Ideal for use on outdoor equipment.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
240V AC
480V AC
600V AC
30
2
Thermoplastic
2
5
10
15
HBL13R22D
3
Thermoplastic
3
7.5
15
20
HBL13R23D
30
2
Aluminum
2
5
10
15
HBL13R12D
3
Aluminum
3
7.5
15
20
HBL13R13D
Note: *Drill weep-hole to alter from NEMA 3 to NEMA 3R.
Equipped with
HBLFG30 sidewall insulation barriers.
Circuit-Lock® NEMA 3R Enclosures without Switch
For use with switches shown on page 10.
Description
Enclosure Material
Catalog Number
For use with 30A switch.
Aluminum
HBL13R90
For use with 60A switch.
Aluminum
HBL16R90
Circuit-Lock® NEMA 3R Enclosures with Switch
Ideal for use in outdoor environments.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
240V AC
480V AC
600V AC
30
2
Aluminum
2
5
10
15
HBL13R92D
3
Aluminum
3
7.5
15
20
HBL13R89D
60
2
Aluminum
10
15
20
HBL16R92D
3
Aluminum
10
25
30
HBL16R93D
HBL13X33D
HBL16S63D
Circuit-Lock® NEMA 4X Enclosures with Rotary Handle
Ideal for use in environments where wash-down is necessary, i.e. food processing, laboratories, etc.
Amp
Poles
Enclosure Material
HP Rating
Catalog Number
120V AC
240V AC
480V AC
600V AC
30
2
Stainless Steel
3
7.5
15
20
HBL13S33D
3
Valox®
3
7.5
15
20
HBL13X33D
60
3
Stainless Steel
10
25
30
HBL16S63D
3
Valox®
10
25
30
HBL16X63D
Finger Guard option for 30A switch.
HBLFG30
NO/NC auxiliary contact, 10A 120/250V AC for 30 and 60 Amp rotary switches.
HBLAUX
NEMA Disconnect Switches
“Suitable as Motor Disconnects”
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.


Similar Part No. - HBL13R13D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1008-RP ONSEMI-HBL1008-RP Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1010RP ONSEMI-HBL1010RP Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
More results

Similar Description - HBL13R13D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GV2-MC02 ETC2-GV2-MC02 Datasheet
198Kb / 2P
   Manual Motor Starters, Controllers, and Protectors
logo
Schneider Electric
GV2 SCHNEIDER-GV2 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Cooper Bussmann, Inc.
AHDS30 COOPER-AHDS30 Datasheet
907Kb / 4P
   NEMA 4X 30A and 60A motor control disconnects
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
Altech corporation
2800.0 ALTECH-2800.0 Datasheet
366Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
2229.0 ALTECH-2229.0 Datasheet
312Kb / 2P
   Miniature Circuit Breakers / Manual Motor Controllers DIN Rail and Panel Mount Terminal Blocks
MA0.16U ALTECH-MA0.16U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com