Electronic Components Datasheet Search |
|
SPB-37160-1510G_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
SPB-37160-1510G_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 6 page Optoway SPB-37160-1510G ********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 7/1/2008 V1.0 2 Absolute Maximum Ratings Parameter Symbol Min Max Units Notes Storage Temperature Tstg -40 85 oC Operating Case Temperature Topr 0 -10 -40 70 85 85 oC SPB-37160-1510G SPB-37160B-1510G SPB-37160A-1510G Power Supply Voltage Vcc 0 3.6 V Input Voltage --- GND Vcc V Output Current Iout 0 30 mA Recommended Operating Conditions Parameter Symbol Min Typ Max Units / Notes Power Supply Voltage Vcc 3.1 3.3 3.5 V Power Supply Current ICC (TX+RX) 200 300 mA Operating Case Temperature Topr 0 -10 -40 70 85 85 oC / SPB-37160-1510G oC / SPB-37160B-1510G oC / SPB-37160A-1510G Data Rate 125/155 200 Mb/s Transmitter Specifications (0 oC < Topr < 70oC, 3.1V < Vcc < 3. 5V) Parameter Symbol Min Typ Max Units Notes Optical Optical Transmit Power Po 1 --- 5 dBm 1 Output Center Wavelength λ 1480 1520 nm Output Spectrum Width ∆λ --- --- 1 nm -20 dB width Side Mode Suppression Ratio SMSR 30 dB Extinction Ratio ER 10 --- --- dB Output Eye Compliant with Bellcore GR-253-CORE and ITU recommendation G.957 Optical Rise Time tr 2 ns 10% to 90% Values Optical Fall Time tf 2 ns 10% to 90% Values Relative Intensity Noise RIN -116 dB/Hz Total Jitter TJ 1.0 ns 2 Electrical Data Input Current – Low IIL -350 µA Data Input Current – High IIH 350 µA Differential Input Voltage VIH - VIL 0.5 2.4 V Peak-to-Peak TX Disable Input Voltage – Low TDIS, L 0 0.5 V 3 TX Disable Input Voltage – High TDIS, H 2.0 Vcc V 3 TX Disable Assert Time TASSERT 10 µs TX Disable Deassert Time TDEASSERT 1 ms TX Fault Output Voltage -- Low TFaultL 0 0.5 V 4 TX Fault Output Voltage -- High TFaultH 2.0 Vcc+0.3 V 4 1. Output power is power coupled into a 9/125 µm single mode fiber. 2. Measured with a 2 23-1 PRBS. 3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage). |
Similar Part No. - SPB-37160-1510G_2015 |
|
Similar Description - SPB-37160-1510G_2015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |