Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-37200AW-1590G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPB-37200AW-1590G
Description  155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-37200AW-1590G Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPB-37200AW-1590G Datasheet HTML 1Page - Optoway Technology Inc SPB-37200AW-1590G Datasheet HTML 2Page - Optoway Technology Inc SPB-37200AW-1590G Datasheet HTML 3Page - Optoway Technology Inc SPB-37200AW-1590G Datasheet HTML 4Page - Optoway Technology Inc SPB-37200AW-1590G Datasheet HTML 5Page - Optoway Technology Inc SPB-37200AW-1590G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPB-37200W-1590G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2010
V2.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-45
dBm
5
Maximum Input Power
Pin
-10
---
---
dBm
Signal Detect -- Asserted
Pa
---
---
-45
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-55
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1480
1520
nm
6
Optical Return Loss
ORL
14
dB
Electrical
Differential Output Voltage
VOH – VOL
0.6
2.0
V
Output LOS Voltage -- Low
VOL
0
0.5
V
7
Output LOS Voltage – High
VOH
2.0
Vcc+0.3
V
7
Signal Detect Assert Time
ASMAX
100
µs
OFF to ON
Signal Detect Deassert Time
ANSMAX
300
µs
ON to OFF
5. Measured at 2
23-1 PRBS at BER 1E-10. Receiver sensitivity is better than -45dBm at 155 Mbps and 125 Mbps. However, due to the
resolution limitation of Digital Diagnostic Monitoring, the effect readout range for the RX received power at EEPROM A2 is from -10
to -34 dBm.
6. At least 30 dB optical isolation for the wavelength 1580 to 1620 nm.
7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
10nF
10
μF
10nF
10
μF
VeeR
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
VeeT
1
μH
1
μH
TD -
TD +
VccT
VccR
RD -
RD +
100
Ω
SFP module
SerDes
100
Ω
LOS
RD -
RD +
TD -
TD +
10nF
10
μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(9,10,11,14)
6
5
4
4.7K to 10K
Ω
Vcc 3.3V
Vcc 3.3V
IC
IC
depending on SERDES


Similar Part No. - SPB-37200AW-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-37200AW-1510G OPTOWAY-SPB-37200AW-1510G Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results

Similar Description - SPB-37200AW-1590G

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
SPB-3620WG JMNIC-SPB-3620WG Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3760WG_2015 OPTOWAY-SPB-3760WG_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3740WG_2015 OPTOWAY-SPB-3740WG_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1590G_2015 OPTOWAY-SPB-37120W-1590G_2015 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37160W-1510G_2015 OPTOWAY-SPB-37160W-1510G_2015 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37200W-1590G OPTOWAY-SPB-37200W-1590G_15 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1510G OPTOWAY-SPB-37120W-1510G_15 Datasheet
178Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37120W-1590G OPTOWAY-SPB-37120W-1590G_15 Datasheet
188Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-37160W-1590G OPTOWAY-SPB-37160W-1590G_15 Datasheet
187Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3620WG OPTOWAY-SPB-3620WG_15 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3780WG OPTOWAY-SPB-3780WG_15 Datasheet
177Kb / 6P
   155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com