Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1019 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UM1019
Description  3 Watt DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UM1019 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UM1019 Datasheet HTML 1Page - List of Unclassifed Manufacturers UM1019 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UM1000
1 OF 2
REV.4
UNIVERSAL
MICROELECTRONICS
3,27TH RD., TAICHUNG INDUSTRIAL PARK,
TAICHUNG, TAIWAN, R.O.C.
TEL: 886-4-23590096 FAX: 886-4-23590129
UM1000 SERIES
3 Watt DC-DC Converters
♦ Utilizes Surface Mount Technology
♦ 2:1 Input Range
♦ 7.5 Watts/Cubic Inch
♦ Efficiency to 80%
♦ Remote On/Off Control
♦ 200 KHz Switching Frequency
♦ Continuous Short Circuit Protection
♦ RoHS Compliant
SPECIFICATIONS
All specifications are typical at nominal line full load, and
25°C unless otherwise noted.
INPUT SPECIFICATIONS
Input Voltage Range, 24V ………………………….... 18-36V
48V …………………………..... 36-72V
Input Filter .……………………………………….... Pi Network
Remote On/Off Control .…………………. "TC" Pin-Out Only
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single Output ..……………….. ±1% max.
Dual + Output ………….……... ±1% max.
-Output .………………... ±1% max.
Voltage Balance, Dual Output at Full Load
……………………………..………………….... ±1.0% max.
Transient Response,
Single, 25% Step Load Change .……………….. <500μsec.
Dual,FL-1/2FL,±1% Error Band .……………….. <500μsec.
Ripple and Noise, 20MHz BW,
Single ….………………………………….. 100mV P-P max.
Dual ……………………………………..... 100mV P-P max.
Temperature Coefficient ..………………..... ±0.02%/°C max.
Line Regulation
1 ………………..………………... ±0.2% max.
Load Regulation
2, Single Output ………………. ±0.5% max.
Dual Output .………….…….. ±0.5% max.
Short Circuit Protection .…………….…………... Continuous
GENERAL SPECIFICATIONS
Efficiency .…………………………………………... See Table
Isolation Voltage
3 …..………….... 500 VDC, 1000 VDC min.
Isolation Resistance ………………………..... 10
8 ohms min.
Isolation Capacitance .…………………....…….... 300pF typ.
Switching Frequency .…………………...……... 200KHz typ.
Operating Temperature Range,
Ambient None Derating …………………….. -25°C to +71°C
Cooling .…………………………………. Free Air Convection
Storage Temperature Range .……………... -40°C to+125°C
Dimensions Case A .…………….. 1.25 x 0.80 x 0.40 inches
(31.8 x 20.3 x 10.2 mm)
Case Material ……..………... Non-Conductive Black Plastic
UL94V-0
Weight ..…………………..………………………………... 15g
NOTES:
1. Measured from high line to low line.
2. Measured from full load to no load, dual outputs loaded
equally.
3. 1000 VDC for “T”/”TC” pin-out only.
REMOTE ON/OFF CONTROL
Control Input …………………………………………… Pin 20
Control Common ………..………………………… Pin 23,24
Logic Compatibility …………………………………………….
…………………………..…. COMS or Open Collector TTL
Control Voltage ………………………………………………..
On ………………………..…. >+5.5 VDC Or Open Circuit
Off ………………….. <+1.8 VDC or Jumper to Pin 23,24
Converter Shutdown Idle Current …………….……… 10mA


Similar Part No. - UM1019

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1018 STMICROELECTRONICS-UM1018 Datasheet
1Mb / 42P
   STM32L152-EVAL evaluation board
November 2011 Rev 2
More results

Similar Description - UM1019

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com