Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDC02805S Datasheet(PDF) 7 Page - Analog Devices

Part # ADDC02805S
Description  28 V/100 W DC/DC Converter with Integral EMI Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02805S Datasheet(HTML) 7 Page - Analog Devices

Back Button ADDC02805S_15 Datasheet HTML 3Page - Analog Devices ADDC02805S_15 Datasheet HTML 4Page - Analog Devices ADDC02805S_15 Datasheet HTML 5Page - Analog Devices ADDC02805S_15 Datasheet HTML 6Page - Analog Devices ADDC02805S_15 Datasheet HTML 7Page - Analog Devices ADDC02805S_15 Datasheet HTML 8Page - Analog Devices ADDC02805S_15 Datasheet HTML 9Page - Analog Devices ADDC02805S_15 Datasheet HTML 10Page - Analog Devices ADDC02805S_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OBSOLETE
ADDC02805S
REV. A
–7–
A remote connection at the load can adjust for voltage drops of
as much as 0.25 V dc between the converter and the load.
Long remote sense leads can affect converter stability, although
this condition is rare. The impedance of the long power leads
between the converter and the remote sense point could affect
the converter’s unity gain crossover frequency and phase margin.
Consult factory if long remote sense leads are to be used.
Pin 3 (ADJUST)
An adjustment pin is provided so that the user can change the
nominal output voltage during the prototype stage. Since very
low temperature coefficient resistors are used to set the output
voltage and maintain tight regulation over temperature, using
standard external resistors to adjust the output voltage will
loosen output regulation over temperature. Furthermore, since
the status trip point is not changed when the output voltage is
adjusted using external resistors, the status line will no longer
trip at the standard levels of the newly adjusted output voltage.
Therefore, it is highly recommended that once the correct
output voltage is determined, modified standard units should be
ordered with the necessary changes made inside the package at
the factory. The ADJUST function is sensitive to noise, and care
should be taken in the routing of connections.
To make the output voltage higher, place a resistor from
ADJUST (Pin 3) to –SENSE (Pin 1). To make the output
voltage lower, place a resistor from ADJUST (Pin 3) to
+SENSE (Pin 2). Figures 15 and 16 show resistor values for a
±5% change in output voltage:
OUTPUT VOLTAGE
8
7
1
4.95
4.75
4.90
4.85
4.80
5
4
3
2
6
Figure 15. External Resistor Value for Reducing Output
Voltage
OUTPUT VOLTAGE
5
4
0
5.05
5.25
5.10
5.15
5.20
3
2
1
Figure 16. External Resistor for Increasing Output Voltage
BASIC OPERATION
The ADDC02805S converter uses a flyback topology with dual
interleaved power trains operating 180
° out of phase. Each
power train switches at a fixed frequency of 500 kHz, resulting
in a 1 MHz fixed switching frequency as seen at the input and
output of the converter. In a flyback topology, energy is stored
in the inductor during one half portion of the switching cycle
and is then transferred to the output filter during the next half
portion. With two interleaved power trains, energy is transferred
to the output filter during both halves of the switching cycle,
resulting in smaller filters to meet the required ripple.
A five pole differential input EMI filter, along with a common-
mode EMI capacitor and careful attention to layout parasitics, is
designed to meet all applicable requirements in MIL-STD-461D
when installed in a typical system setup. A more detailed
discussion of CE102 and other EMI issues is included in the
section entitled EMI Considerations.
The converter uses current mode control and employs a high
performance opto-isolator in its feedback path to maintain
isolation between input and output. The control circuit is
designed to give a nearly constant output current as the output
voltage drops from VO nom to VSC during a short circuit
condition. It does not let the current fold back below the
maximum rated output current. The output overvoltage
protection circuitry, which is independent from the normal
feedback loop, protects the load against a break in the remote
sense leads. Remote sense connections, which can be made at
the load, can adjust for voltage drops of as much as 0.25 V dc
between the converter and the load, thereby maintaining an
accurate voltage level at the load.
An input overvoltage protection feature shuts down the con-
verter when the input voltage exceeds (nominally) 52.5 V dc.
An internal temperature sensor shuts down the unit and
prevents it from becoming too hot if the heat removal system
fails. The temperature sensed is the case temperature and is
factory set to trip at a nominal case temperature of 110
°C to
115
°C. The shut down temperature setting can be raised
externally or disabled by the user.
Each unit has an INHIBIT pin that can be used to turn off the
converter. This feature can be used to sequence the turn-on of
multiple converters and to reduce input power draw during
extended time in a no load condition.
A SYNC pin, referenced to the input return line (Pin 10), is
available to synchronize multiple units to one switching
frequency. This feature is particularly useful in eliminating beat
frequencies which may cause increased output ripple on
paralleled units. A current share pin (ISHARE) is available which
permits paralleled units to share current typically within 5% at
full load.
A low level dc auxiliary voltage supply referenced to the input
return line is provided for miscellaneous system use.
PIN CONNECTIONS
Pins 1 and 2 ( SENSE)
Pins 1 and 2 must always be connected for proper operation,
although failure to make these connections will not be catastrophic
to the converter under normal operating conditions. Pin 1 must
always be connected to the output return and Pin 2 must always
be connected to +VOUT. These connections can be made at any
one of the output pins of the converter, or remotely at the load.


Similar Part No. - ADDC02805S_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02805SA AD-ADDC02805SA Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SAKV AD-ADDC02805SAKV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02805SATV AD-ADDC02805SATV Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

Similar Description - ADDC02805S_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Delta Electronics, Inc.
DVETR2800D DELTA-DVETR2800D Datasheet
275Kb / 15P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com