Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADDC02812DA Datasheet(PDF) 3 Page - Analog Devices

Part # ADDC02812DA
Description  28 V/100 W DC/DC Converters with Integral EMI Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDC02812DA Datasheet(HTML) 3 Page - Analog Devices

  ADDC02812DA_15 Datasheet HTML 1Page - Analog Devices ADDC02812DA_15 Datasheet HTML 2Page - Analog Devices ADDC02812DA_15 Datasheet HTML 3Page - Analog Devices ADDC02812DA_15 Datasheet HTML 4Page - Analog Devices ADDC02812DA_15 Datasheet HTML 5Page - Analog Devices ADDC02812DA_15 Datasheet HTML 6Page - Analog Devices ADDC02812DA_15 Datasheet HTML 7Page - Analog Devices ADDC02812DA_15 Datasheet HTML 8Page - Analog Devices ADDC02812DA_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OBSOLETE
Case
Test
ADDC02812DA
ADDC02815DA
Parameter
Temp
Level Conditions
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC CHARACTERISTICS
5
Output Voltage Deviation Due to Step
+25
°CI
IO = ± 2.08 A to ± 4.17 A
0.850
1.30
V
Change in Load (12 V)
or
±4.17 A to ±2.08 A
Output Voltage Deviation Due to Step
+25
°CI
IO = ± 1.67 A to ± 3.34 A
0.850
1.50
V
Change in Load (15 V)
or
±3.34 A to ±1.67 A
Response Time Due to Step
+25
°CI
IO = ± 2.08 A to ± 4.17 A
150
225
µs
Change in Load (12 V)
or
±4.17 A to ±2.08 A
di/dt = 0.5 A/
µs, Measured
to Within 2% of Final Value
Response Time Due to Step Change
+25
°CI
IO = ± 1.67 A to ± 3.34 A or
150
225
µs
in Load (15 V)
±3.34 A to ±1.67 A,
di/dt = 0.5 A/
µs, Measured
to Within 2% of Final Value
Soft Start Turn-On Time (12 V)
+25
°CI
IO = ± 4.17 A, from Inhibit
6
15
ms
High to Status High
Soft Start Turn-On Time (15 V)
+25
°CI
IO = ± 3.34 A, from Inhibit
6
15
ms
High to Status High
THERMAL CHARACTERISTICS
Efficiency (12 V)
+25
°CI
IO = ± 2.5 A
81
85
%
Full
VI
IO = ± 2.5 A
80
%
+25
°CI
IO = ± 4.17 A
81
85
%
Full
VI
IO = ± 4.17 A
80
%
Efficiency (15 V)
+25
°CI
IO = ± 2.0 A
81
85
%
Full
VI
IO = ± 2.0 A
80
%
+25
°CI
IO = ± 3.34 A
81
85
%
Full
VI
IO = ± 3.34 A
80
%
Hottest Junction Temperature
6 (12 V)
+90
°CV
IO = ± 4.17 A
110
°C
Hottest Junction Temperature6 (15 V)
+90
°CV
IO = ± 3.34 A
110
°C
CONTROL CHARACTERISTICS
Clock Frequency (12 V)
Full
VI
IO = ± 0.42 A
0.85
1.00
MHz
Clock Frequency (15 V)
Full
VI
IO = ± 0.34 A
0.85
1.00
MHz
Adjust (Pin 3) VADJ (12 V)
+25
°C I
4.7
4.8
4.9
V
Adjust (Pin 3) VADJ (15 V)
+25
°C I
5.9
6.0
6.1
V
Status (Pin 4)
VOH
+25
°CI
IOH = 400 µA
2.4
4.0
2.4
4.0
V
VOL
+25
°CI
IOL = 1 mA
0.15
0.7
0.15
0.7
V
VAUX (Pin 5)
VO (nom) (12 V)
+25
°CI
IAUX = 5 mA, Load
13.25
13.5
13.75
V
Current =
±4.17 A
VAUX (Pin 5)
VO (nom) (15 V)
+25
°CI
IAUX = 5 mA, Load
13.65
13.9
14.5
V
Current =
±3.34 A
Inhibit (Pin 6)
VIL
+25
°C I
0.5
0.5
V
IIL
+25
°CI
VIL = 0.5 V
1.2
1.2
mA
VI (Open Circuit)
+25
°C I
15
15
V
SYNC (Pin 7)
7
VIH
+25
°C I
4.0
4.0
V
IIH
+25
°CI
VIH = 7.0 V
150
150
µA
ISHARE (Pin 8) (12 V)
+25
°C I
Load Current =
±4.17 A
2.65
2.75
2.85
V
ISHARE (Pin 8) (15 V)
+25
°C I
Load Current =
±3.34 A
2.65
2.75
2.85
V
Temp (Pin 9)
+25
°C V
3.90
3.90
V
NOTES
1Military subgroups apply only to military qualified devices.
250 V dc upper limit rated for transient condition of up to 50 ms. 16 V dc lower limit rated for continuous operation during emergency condition. Steady state and
abnormal input voltage range require source impedance sufficient to insure input stability at low line. See sections entitled System Instability Considerations and
Input Voltage Range.
3Measured at the remote sense points.
4Output characteristics tested with balanced loads on each output; however, unit operates with unbalanced loads up to 90%/10% split.
5C
LOAD = 0.
6Refer to section entitled Thermal Characteristics for more information.
7Unit has internal pull-down; refer to section entitled Pin 7 (SYNC).
Specifications subject to change without notice.
REV. 0
–3–
ADDC02812DA/ADDC02815DA


Similar Part No. - ADDC02812DA_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02812DAKV AD-ADDC02812DAKV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02812DATV AD-ADDC02812DATV Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02812DATV/QMLH AD-ADDC02812DATV/QMLH Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
More results

Similar Description - ADDC02812DA_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC Datasheet
241Kb / 18P
   28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
VPT, Inc.
DVETR2800D VPT-DVETR2800D Datasheet
1,001Kb / 17P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS WITH INTEGRAL EMI FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com