Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-5601G_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPM-5601G_2015
Description  622 Mbps Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-5601G_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPM-5601G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-5601G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-5601G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-5601G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-5601G_2015 Datasheet HTML 5Page - Optoway Technology Inc SPM-5601G_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Optoway
SPM-5601G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPM-5601G
SPM-5601BG
SPM-5601AG
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Power Supply Current
ICC (TX+RX)
200
300
mA
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPM-5601G
oC / SPM-5601BG
oC / SPM-5601AG
Data Rate
100
622
Mb/s
Transmitter Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3. 5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-15
---
-8
dBm
1
Output Center Wavelength
λ
1260
1360
nm
Output Spectrum Width
∆λ
---
---
10
nm
RMS (σ)
Extinction Ratio
ER
8.2
---
---
dB
Optical Rise Time
tr
1
ns
10% to 90% Values
Optical Fall Time
tf
2
ns
10% to 90% Values
Relative Intensity Noise
RIN
-116
dB/Hz
Total Jitter
TJ
0.5
ns
2
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage – Low
TDIS, L
0
0.5
V
3
TX Disable Input Voltage – High
TDIS, H
2.0
Vcc
V
3
TX Disable Assert Time
TASSERT
10
µs
TX Disable Deassert Time
TDEASSERT
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.5
V
4
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
4
Notes: 1. Output power is power coupled into a 62.5/125
µm multi-mode fiber.
2. Measured with a 2
7-1 PRBS.
3. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX.
4. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).


Similar Part No. - SPM-5601G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5601G OPTOWAY-SPM-5601G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-5601G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G_2015 OPTOWAY-SPM-5701G_2015 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701G OPTOWAY-SPM-5701G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5701WG_2015 OPTOWAY-SPM-5701WG_2015 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5601WG OPTOWAY-SPM-5601WG_15 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5601WG_2015 OPTOWAY-SPM-5601WG_2015 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-5701WG OPTOWAY-SPM-5701WG_15 Datasheet
177Kb / 6P
   622 Mbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPB-57120-1510G OPTOWAY-SPB-57120-1510G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G OPTOWAY-SPB-5720G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G_2015 OPTOWAY-SPB-5720G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com