Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39981-0410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39981-0410
Description  5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39981-0410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39981-0410 Datasheet HTML 1Page - Molex Electronics Ltd. 39981-0410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/24/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39981-0410
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ Eurostyle™ Surface Mount Compatible Locking Header, Gold
(Au) Plated, 10 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39981
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Type
Euro Block
UPC
800756375090
Physical
Circuits (Loaded)
10
Entry Angle
N/A
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.81mm
PCB Retention
N/A
PCB Thickness - Recommended
1.60mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Plating min - Mating
0.762µm
Plating min - Termination
0.762µm
Polarized to Mating Part
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
140°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Material Info
Old Part Number
981510-G30
Reference - Drawing Numbers
Sales Drawing
SD-39980-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39981Series
Mates With
39981-0310 Screw Clamp Plug
This document was generated on 12/24/2014


Similar Part No. - 39981-0410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39981-0411 MOLEX11-39981-0411 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0412 MOLEX11-39981-0412 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0413 MOLEX11-39981-0413 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0414 MOLEX11-39981-0414 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0415 MOLEX11-39981-0415 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
More results

Similar Description - 39981-0410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39981-0404 MOLEX11-39981-0404 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0416 MOLEX11-39981-0416 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0408 MOLEX11-39981-0408 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0409 MOLEX11-39981-0409 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0412 MOLEX11-39981-0412 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0413 MOLEX11-39981-0413 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0417 MOLEX11-39981-0417 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0418 MOLEX11-39981-0418 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0402 MOLEX11-39981-0402 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
39981-0403 MOLEX11-39981-0403 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, Gold
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com