Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM3082 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FODM3082
Description  4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3082 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FODM3082 Datasheet HTML 4Page - Fairchild Semiconductor FODM3082 Datasheet HTML 5Page - Fairchild Semiconductor FODM3082 Datasheet HTML 6Page - Fairchild Semiconductor FODM3082 Datasheet HTML 7Page - Fairchild Semiconductor FODM3082 Datasheet HTML 8Page - Fairchild Semiconductor FODM3082 Datasheet HTML 9Page - Fairchild Semiconductor FODM3082 Datasheet HTML 10Page - Fairchild Semiconductor FODM3082 Datasheet HTML 11Page - Fairchild Semiconductor FODM3082 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM3062, FODM3063, FODM3082, FODM3083 Rev. 1.0.9
8
If sufficient holding current is still flowing through the
opto-TRIAC, the opto-TRIAC will turn-on and attempt
to carry the power TRIACs load. This situation typically
causes
the
opto-TRIAC
to
operate
beyond
its
maximum current rating, and product and resistor
failures typically result. For this reason, using an opto-
TRIAC to drive a three quadrant “snubberless” power
TRIAC is not recommended.
Power in the 360
Ω resistor, when driving a sensitive
gate 4 quadrant power TRIAC:
IGT = 20mA
VGT = 1.5V
DF = 0.6%
P = (IGT +VGT / 330Ω)
2 x 360Ω x DF
P = (20mA + 1.5 / 330
Ω)2 *x 360Ω x 0.6% = 1.3mW
A 1/4 watt resistor is more than adequate for both the
360
Ω and 330Ω resistors.
The real power in the snubber resistor is based upon
the integral of the power transient present when the
load commutes. A fast commuting transient may allow
a peak current of 4A to 8A in the snubbing filter.
For best
results, the capacitor should be a non-
polarized AC unit with a low ESR. The 39
Ω series
resistor sets a time constant and limits the peak
current. For a resistive load with a power factor near
unity, the commutating transients will be small. This
results in a very small peak current given the 0.01µF
capacitor’s reactance. Normally, for factional horse-
power reactive loads, the resistor found in the snubber
circuit will have a power rating from 1/2W to 2W. The
resistor should be a low inductance type to adequately
filter the high frequency transients.


Similar Part No. - FODM3082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3082 FAIRCHILD-FODM3082 Datasheet
103Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
More results

Similar Description - FODM3082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM3062 FAIRCHILD-FODM3062 Datasheet
103Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Zero-Cross Triac Driver Output Optocouplers
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3011 FAIRCHILD-FODM3011_09 Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com