Electronic Components Datasheet Search |
|
FWP-400A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
FWP-400A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 2 page 3-6-02 A02008 Bussmann® Form No. FWP 700 Page 2 of 2 Data Sheet: 720012 The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. ® FWP 700V 5-1200A AE DC F J G B H Fig. 1: 5-800 Amp Range Order # Fig. A B C D E F G H J FWP-5B-30B 1 2.870 0.563 1.855 2.477 2.477 0.250 0.405 0.063 0.250 FWP-35B-60B 1 4.375 0.813 2.750 3.708 3.312 0.344 0.725 0.125 0.542 FWP-70B-100B 1 4.406 0.947 2.594 3.625 3.563 0.344 0.750 0.125 0.375 FWP-125A-200A 1 5.090 1.500 2.840 4.190 3.500 0.410 1.000 0.250 0.750 FWP-225A-400A 1 5.090 2.000 2.840 4.280 3.530 0.410 1.500 0.250 0.780 FWP-450A-600A 1 7.090 2.500 2.840 5.720 4.190 0.530 2.000 0.380 1.300 FWP-700A-800A 1 6.630 2.000 2.844 5.562 5.062 0.625 1.500 0.250 0.875 FWP-900A-1000A 2 See Drawing FWP-1200A 3 See Drawing Dimension in inches. 1mm = 0.0394∑ 1∑ = 25.4mm 7.594 0.500 3.500 3.844 1.031 0.625 2.750 5.966 5.154 1.375 Fig. 2: 900-1000 Amp Range Fig. 3: 1200 Amp Range 10.844 3.844 0.625 4.250 0.750 3.500 6.840 0.125 0.500 1.625 1.750 9.590 Dimensions 700 604 460 316 1.5 1.0 0.5 0.3 0.2 0.15 Eg K 1) 3) 2) UL 2 1.6 1.4 1.2 103 8 6 5 4 3 400 300 500 600 700 Eg 1) 2) Kp 1.0 0.8 0.4 0.5 0.6 0.3 0.2 0.1 30 40 50 60 70 80 90 100% I b 1) 125-600 Amp Range 2) 35-100 & 700-1200 Amp Range 1) 35-100 Amp Range 2) 125-600 Amp Range 3) 700-1200 Amp Range Total Clearing I2t The total clearing I 2t at rated voltage and at power factor of 15% are given in the electrical characteristics. For other volt- ages, the clearing I 2t is found by multi- plying by correction factor, K , given as a function of applied working voltage, Eg, (RMS). Arc Voltage This curve gives the peak arc voltage, UL, which may appear across the fuse during its operation as a function of the applied working voltage, Eg, (RMS) at a power factor of 15%. Power Losses Watts loss at rated current is given in the electrical characteristics. The curve allows the calculation of the power losses at load currents lower than the rated current . The correction factor, Kp , is given as a function of the RMS load current, Ib , in % of the rated current . Electrical Characteristics R |
Similar Part No. - FWP-400A |
|
Similar Description - FWP-400A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |