Selected language     English  ▼


K-19-U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. K-19-U
Description  K-Series Infrared Touchscreen
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
15″ to 26″
6.4″ to 26″
Panel display device
4096*4096
1.5mm
<20ms
Finger, gloved hand, or opaque object
Unlimited
No minimum touch activation force is required with IR touch technology
8mm
No break by steel ball (Diameter 63.5mm Weight1040g)dropping from 1040mm high
Surface durability is that of glass, Mohs’hardness rating of 7
≥92%, up to 100% (no glass)
Operating: -20°C ~ 70°C
Storage: -40°C ~ 85°C
Operating: 90%(noncondensing at max 40°C)
Storage: 90%(noncondensing at max 40°C)
Up to 3,000m
At least 7-year
Typical +DC 5V, +4.75V to +5.25V
USB or PS/2 Interface, power ripple max.200mV rms
<1.5W, operating current<300mA
CE, FCC Class B
USB/EIA-232E
Windows 2000\XP\2003\Vista\CE, Linux, Mac OS
General Size
Customized Size
Fit in with
Resolution(Interpolation)
Linearity Error
Response Speed
Input Method
Touch Times
Touch Activation Force
Minimum Touch Object
Vandal-proof
Surface Durability
Light Transmission
Temperature
Relative Humidity
Altitude
Life Time
Operation Voltage
Power Supply
Power
Agency Approvals
Interface
Operation System
Size
Performance
Mechanical
Optical
Environmental
Electrical
www.irtouch.com
BEIJINGIRTOUCHSYSTEMS CO. LTD.
K-Series Infrared Touchscreen




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl