Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA30 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EA30
Description  EasyView??Light Meters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EA30 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EA30_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2012 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
5/2/12 - R1
Choice of models for high intensity measurements
Up to 400,000 Lux and 40,000 Foot candles
EasyView
Light Meters
Ordering Information:
EA30 ....................EasyViewHigh Intensity Light Meter
EA30-NIST ..........EA30 with Calibration Traceable to NIST
EA31 ....................EasyViewLight Meter
EA31-NIST ..........EA31 with Calibration Traceable to NIST
Features:
Compact and rugged design features large display
Multiple wide measuring ranges:
Model EA30 - 40,000Fc in 4 ranges and 400,000Lux in 5 ranges
Model EA31 - 20,000Fc in 4 ranges and 20,000Lux in 4 ranges
Data hold freezes reading on display
MIN/MAX readings
Cosine and color corrected measurements
Low battery and overrange indication
Auto power off to save battery life
Utilizes precision silicon photodiode sensor with
3ft coiled cable for easy storage
Complete with built-in stand, remote sensor with protective
cover, protective rubber holster, and 6 AAA batteries
Additional features for Model EA30:
Large display with bargraph
Peak hold captures short light pulses to 100μSec
Relative function for zero or difference from reference value
Specifications
Range
Resolution
Basic Accuracy
EA30
Lux
40, 400, 4000, 40000, 400000Lux
0.01
±3%rdg + 0.5%FS
Foot candles
40, 400, 4000, 40000Fc
EA31
Lux
20, 200, 2000, 20000Lux
0.01
±3%rdg + 0.5%FS
Foot candles
20, 200, 2000, 20000Fc
Dimensions
5.9 x 2.8 x 1.4" (150 x 72 x 33mm)
Weight
8.3oz (235g)
High resolution for low level measurements
in places like parking lots, stairwells, and
ATM machines


Similar Part No. - EA30_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EA300 ETC2-EA300 Datasheet
2Mb / 2P
   electromagnetic radio wave absorbers
logo
Murata Manufacturing Co...
EA3008U025 MURATA-EA3008U025 Datasheet
172Kb / 3P
   Holds easily in equipment with adhesive tape
logo
Murata Manufacturing Co...
EA3008U025 MURATA1-EA3008U025 Datasheet
197Kb / 3P
   EMC Absorber magnetically shields and suppresses noise of digital equipment.
EA3008U025 MURATA1-EA3008U025_V01 Datasheet
197Kb / 3P
   EMC Absorber magnetically shields and suppresses noise of digital equipment.
logo
Murata Manufacturing Co...
EA3008U035 MURATA-EA3008U035 Datasheet
169Kb / 3P
   Holds easily in equipment with adhesive tape
More results

Similar Description - EA30_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA30 EXTECH-EA30 Datasheet
224Kb / 1P
   EasyView Light Meters
EA31 EXTECH-EA31_15 Datasheet
209Kb / 1P
   EasyView??Light Meters
EA31 EXTECH-EA31 Datasheet
145Kb / 7P
   EasyView Digital Light Meter
EA33 EXTECH-EA33 Datasheet
305Kb / 9P
   EasyView Light Meter with Memory
LT45 EXTECH-LT45 Datasheet
474Kb / 1P
   LED Light Meters
HD400 EXTECH-HD400_15 Datasheet
215Kb / 1P
   Heavy Duty Light Meters
HD400 EXTECH-HD400 Datasheet
214Kb / 1P
   Heavy Duty Light Meters
HD450 EXTECH-HD450_15 Datasheet
215Kb / 1P
   Heavy Duty Light Meters
EA10 EXTECH-EA10 Datasheet
59Kb / 4P
   EasyView Dual K Thermometer
EA25 EXTECH-EA25 Datasheet
286Kb / 6P
   EasyView Digital Hygro-Thermometer Datalogger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com