Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9169CM-273 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9169CM-273
Description  Frequency Generator for Pentium??Based Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CM-273 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9169CM-273 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 5Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 6Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 7Page - Integrated Circuit Systems ICS9169CM-273 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS9169C-273
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
--
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN = 0V
-28.0
-10.5
-
µA
Input High Current
IIH
VIN = VDD
-5.0-5.0
µA
Output Low Current
1
IOL
VOL = 0.8V; for CPU, BUS, Fixed CLKs
16.0
25.0
-
mA
Output High Current1
IOH
VOL = 2.0V; for CPU, BUS, Fixed CLKs
-
-30.0
-14
mA
Output Low Current1
IOL
VOL = 0.8V; for REF CLK
19.0
30.0
-
mA
Output High Current1
IOH
VOL = 2.0V; for REF CLK
-
-38.0
-16.0
mA
Output Low Voltage
1
VOL
IOL = 8mA; for CPU, BUS, Fixed CLKs
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH = -8mA; for CPU, BUS, Fixed CLKs
2.4
2.8
-
V
Output Low Voltage
1
VOL
IOL = 10mA; for REF CLK
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH = -15mA; for REF CLK
2.4
2.8
-
V
Supply Current
IDD
@66.6 MHz; all outputs unloaded
-
90
180
mA


Similar Part No. - ICS9169CM-273

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CM-27 ICST-ICS9169CM-27 Datasheet
555Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169CM-271 ICST-ICS9169CM-271 Datasheet
322Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169CM-272 ICST-ICS9169CM-272 Datasheet
369Kb / 8P
   Frequency Generator for Pentium??Based Systems
More results

Similar Description - ICS9169CM-273

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
   Frequency Generator for Pentium Based Systems
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
   Frequency Generator for Pentium??Based Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com