Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7751 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7751
Description  Energy Metering IC with On-Chip Fault Detection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7751 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7751_15 Datasheet HTML 5Page - Analog Devices AD7751_15 Datasheet HTML 6Page - Analog Devices AD7751_15 Datasheet HTML 7Page - Analog Devices AD7751_15 Datasheet HTML 8Page - Analog Devices AD7751_15 Datasheet HTML 9Page - Analog Devices AD7751_15 Datasheet HTML 10Page - Analog Devices AD7751_15 Datasheet HTML 11Page - Analog Devices AD7751_15 Datasheet HTML 12Page - Analog Devices AD7751_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
REV. 0
AD7751
–9–
Figure 7 shows two typical connections for Channel V2. The
first option uses a PT (potential transformer) to provide com-
plete isolation from the mains voltage. In the second option the
AD7751 is biased around the neutral wire and a resistor divider
is used to provide a voltage signal that is proportional to the line
voltage. Adjusting the ratio of Ra and Rb is also a convenient
way of carrying out a gain calibration on the meter.
660mV
Ra
Rb
VR
V2P
AGND
Rf
Rf
CT
NEUTRAL
PHASE
V2N
Cf
Cf
660mV
V2P
Rf
NEUTRAL
PHASE
V2N
Cf
Cf
NOTE:
Ra
Rf;
Rb + VR = Rf
Figure 7. Typical Connections for Channel 2
POWER SUPPLY MONITOR
The AD7751 contains an on-chip power supply monitor. The
analog supply (AVDD) is continuously monitored by the AD7751.
If the supply is less than 4 V
± 5%, the AD7751 will be reset.
This is useful to ensure correct device start-up at power-up and
power-down. The power supply monitor has built in hysteresis
and filtering. This gives a high degree of immunity to false
triggering due to noisy supplies.
AVDD
5V
4V
0V
INTERNAL
RESET
RESET
TIME
ACTIVE
RESET
Figure 8. On-Chip Power Supply Monitor
As can be seen from Figure 8 the trigger level is nominally set
at 4 V. The tolerance on this trigger level is about
±5%. The
power supply and decoupling for the part should be such that
the ripple at AVDD does not exceed 5 V
± 5% as specified for
normal operation.
HPF and Offset Effects
Figure 9 shows the effect of offsets on the real power calcula-
tion. As can be seen from Figure 9 an offset on Channel 1 and
Channel 2 will contribute a dc component after multiplication.
Since this dc component is extracted by the LPF and used to
generate the real power information, the offsets will have con-
tributed a constant error to the real power calculation. This
problem is easily avoided by enabling the HPF (i.e., pin AC/
DC
is set logic high) in Channel 1. By removing the offset from at
least 1 channel no error component can be generated at dc by
the multiplication. Error terms at cos(
ωt) are removed by the
LPF and the Digital-to-frequency conversion—see Digital-to-
Frequency Conversion section.
Vt
V
I
t
I
VI
VI
VI
t
I
V
t
VI
t
OS
OS
OS
OS
OS
OS
cos
cos
cos
cos
cos
ωω
ωω
ω
( )+
{} ×
( )+
{} =
×
( )
( )
+
×
( )
2
2
2
VOS
IOS
IOS
V
VOS
I
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
2
FREQUENCY – RAD/S
2
V
I
0
Figure 9. Effect of Channel Offsets on the Real Power
Calculation
The HPF in Channel 1 has an associated phase response that is
compensated for on-chip. The phase compensation is activated
when the HPF is enabled and is disabled when the HPF is not
activated. Figures 10 and 11 show the phase error between
channels with the compensation network activated. The AD7751
is phase compensated up to 1 kHz as shown. This will ensure
correct active harmonic power calculation even at low power
factors.


Similar Part No. - AD7751_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7751AAN AD-AD7751AAN Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AAN-REF AD-AD7751AAN-REF Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751AARS AD-AD7751AARS Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
AD7751ABRS AD-AD7751ABRS Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
More results

Similar Description - AD7751_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7760 AD-ADE7760 Datasheet
514Kb / 24P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7751ARSZ AD-ADE7751ARSZ Datasheet
379Kb / 16P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
AD7751 AD-AD7751 Datasheet
249Kb / 16P
   Energy Metering IC With On-Chip Fault Detection
REV. A
ADE7751 AD-ADE7751 Datasheet
422Kb / 16P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7760 AD-ADE7760_15 Datasheet
530Kb / 24P
   Energy Metering IC with On-Chip Fault Detection
REV. 0
ADE7761 AD-ADE7761_15 Datasheet
980Kb / 28P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761A AD-ADE7761A_15 Datasheet
518Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7761A AD-ADE7761A Datasheet
518Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
ADE7761 AD-ADE7761 Datasheet
326Kb / 28P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. A
ADE7761B AD-ADE7761B Datasheet
533Kb / 24P
   Energy Metering IC with On-Chip Fault and Missing Neutral Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com