Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7755 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7755
Description  Energy Metering IC with Pulse Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7755 Datasheet(HTML) 3 Page - Analog Devices

  AD7755_15 Datasheet HTML 1Page - Analog Devices AD7755_15 Datasheet HTML 2Page - Analog Devices AD7755_15 Datasheet HTML 3Page - Analog Devices AD7755_15 Datasheet HTML 4Page - Analog Devices AD7755_15 Datasheet HTML 5Page - Analog Devices AD7755_15 Datasheet HTML 6Page - Analog Devices AD7755_15 Datasheet HTML 7Page - Analog Devices AD7755_15 Datasheet HTML 8Page - Analog Devices AD7755_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. B
–3–
AD7755
Parameter
A Version
B Version
Unit
Test Conditions/Comments
POWER SUPPLY
For Specified Performance
AVDD
4.75
4.75
V min
5 V – 5%
5.25
5.25
V max
5 V + 5%
DVDD
4.75
4.75
V min
5 V – 5%
5.25
5.25
V max
5 V + 5%
AIDD
3
3
mA max
Typically 2 mA
DIDD
2.5
2.5
mA max
Typically 1.5 mA
NOTES
1See Terminology section for explanation of specifications.
2See Plots in Typical Performance Graphs.
3Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter
A, B Versions
Unit
Test Conditions/Comments
t1
3
275
ms
F1 and F2 Pulsewidth (Logic Low)
t2
See Table III
sec
Output Pulse Period. See Transfer Function Section
t3
1/2 t2
sec
Time Between F1 Falling Edge and F2 Falling Edge
t4
3, 4
90
ms
CF Pulsewidth (Logic High)
t5
See Table IV
sec
CF Pulse Period. See Transfer Function Section
t6
CLKIN/4
sec
Minimum Time Between F1 and F2 Pulse
NOTES
1Sample tested during initial release and after any redesign or process change that may affect this parameter.
2See Figure 1.
3The pulsewidths of F1, F2 and CF are not fixed for higher output frequencies. See Frequency Outputs Section.
4The CF pulse is always 18
µs in the high frequency mode. See Frequency Outputs section and Table IV.
Specifications subject to change without notice.
ORDERING GUIDE
Model
Package Description
Package Options
AD7755AAN
Plastic DIP
N-24
AD7755AARS
Shrink Small Outline Package
RS-24
AD7755ABRS
Shrink Small Outline Package
RS-24
EVAL-AD7755EB
AD7755 Evaluation Board
AD7755AAN-REF AD7755 Reference Design PCB (See AN-559)
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 3.58 MHz, TMIN to
TMAX = –40 C to +85 C)
.t2
.t3
t4
.t5
.t6
t1
F1
F2
CF
Figure 1. Timing Diagram for Frequency Outputs
OBSOLETE


Similar Part No. - AD7755_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755AAN AD-AD7755AAN Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AAN-REF AD-AD7755AAN-REF Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755AARS AD-AD7755AARS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
AD7755ABRS AD-AD7755ABRS Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results

Similar Description - AD7755_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Silvan Chip Electronics...
SCE7755 SILVAN-SCE7755 Datasheet
680Kb / 14P
   Energy Metering IC with Pulse Output
logo
Analog Devices
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com