Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9178Y-03 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9178Y-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178Y-03 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9178Y-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178Y-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9178-03
PwrPC 603/604 System Clock Diagram
Applications
PwrPC 601/601+Processor Modules
PwrPC 601\601+ System Clock Diagram
Frequency Combinations
(XCLK pairs selectable)
Frequency Combinations
(selectable SCLK)
Frequency Combinations
(9178 x4 mode)
SYS
BUS
9178
MODE
2XPCLK
(2XCPU)
PCLK(0,1)
(CPU)
XCLK(0,5)
(BUS)
BCLK(0,1)
ABCLK
F
x4
4F
2F
2F, 1F
1F
F
x6
6F
3F
3F, 1.5F, 1F
1.5F
F
8F
8F
4F
4F, 2F, 1F
2F
OSC
9178
MODE
2XPCLK
(2XCPU)
PCLK
(CPU)
XCLK
(BUS)
Q (PCI)
Fx4
4F
2F
2F, 1F
1F
F
x6
6F
3F
3F, 1.5F, 1F
1.5F
F
8F
8F
4F
4F, 2F, 1F
2F
33
x4
132
66
66, 33
33
33
x6
196
99
99, 48, 33
33
33
x8
264
132
132, 66, 33
33
30
x4
120
60
60, 30
30
30
x6
180
90
90, 45, 30
30
30
x8
240
120
120, 60, 30
30
25
x4
100
50
50, 25
25
25
x6
150
75
75, 37, 25
25
25
x8
200
100
100, 50, 25
25
OSC
PwrPC
MODE
PCLK,
DCLK
(CPU)
PwrPC
INTERNAL
CLOCK
PCLK(0,1)
XCLK(0,3)
(BUS)
ABCLK,
BCLK(0,1)
XCLK(4,5)
F
-
2F, 1F
-
2F, 1F
F
33
x1, x2
66, 33
66
66, 33
33 PCI)
40
x1, x2
80, 40
80
80, 40
40 (VL)
33
x3
-, 33
100
66, 33
33 (PCI)
30
x2, x4
60, 30
120
60, 30
30 (PCI)
40
x3
-, 40
120
80, 40
40 (VL)
33
x2, x4
66, 33
132
66, 33
33 (PCI)


Similar Part No. - ICS9178Y-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YGLF-T ICST-ICS91718YGLF-T Datasheet
84Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91718YMLF-T ICST-ICS91718YMLF-T Datasheet
84Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
More results

Similar Description - ICS9178Y-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
   Frequency Generator and Integrated Buffer for PowerPC
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
   Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
   Clock Generator for PowerPC Based Applications
logo
Integrated Circuit Syst...
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com