Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9801 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9801
Description  CCD Signal Processor For Electronic Cameras
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9801 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9801_15 Datasheet HTML 4Page - Analog Devices AD9801_15 Datasheet HTML 5Page - Analog Devices AD9801_15 Datasheet HTML 6Page - Analog Devices AD9801_15 Datasheet HTML 7Page - Analog Devices AD9801_15 Datasheet HTML 8Page - Analog Devices AD9801_15 Datasheet HTML 9Page - Analog Devices AD9801_15 Datasheet HTML 10Page - Analog Devices AD9801_15 Datasheet HTML 11Page - Analog Devices AD9801_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9801
–9–
REV. 0
The actual implementation of this loop is slightly more compli-
cated as shown in Figure 18. Because there are two separate
CDS blocks, two black level feedback loops are required and
two offset voltages are developed. Figure 18 also shows an
additional PGA block in the feedback loop labeled “RPGA.”
PGA
ADC
IN
CLPOB
NEG REF
CONTROL
CDS1
RPGA2
INT2
CDS1
RPGA1
INT1
Figure 18.
The RPGA uses the same control inputs as the PGA, but has
the inverse gain. The RPGA functions to attenuate by the same
factor as the PGA amplifies, keeping the gain and bandwidth of
the loop constant.
Input Bias Level Clamping
The buffered CCD output is connected to the AD9801 through
an external coupling capacitor. The dc bias point for this coupling
capacitor is established during the clamping (CLPDM
= LOW)
period using the “dummy clamp” loop shown in Figure 19.
When closed around the CDS, this loop establishes the desired
DC bias point on the coupling capacitor.
BLACK
LEVEL CLP
CCD
INPUT
CLAMP
CDS
CLPDM
TO ADC
PGA
Figure 19.
Input Blanking
In some applications, the AD9801’s input may be exposed to
large signals from the CCD. These signals can be very large,
relative to the AD9801’s input range, and could thus saturate
on-chip circuit blocks. Recovery time from such saturation
conditions could be substantial.
To avoid problems associated with processing these transients,
the AD9801 includes an input blanking function. When active
(PBLK = LOW), this function stops the CDS operation and
allows the user to disconnect the CDS inputs from the CCD
buffer.
If the input voltage exceeds the supply rail by more than
0.3 V, protection diodes will be turned on, increasing current
flow into the AD9801 (see Equivalent Input Circuits). Such
voltage levels should be externally clamped to prevent device
damage or reliability degradation.
10-Bit Analog-to-Digital Converter (ADC)
The ADC employs a multibit pipelined architecture, which is
well-suited for high throughput rates while being both area and
power efficient. The multistep pipeline presents a low input
capacitance resulting in lower on-chip drive requirements. A
fully differential implementation was used to overcome head-
room constraints of the single +3 V power supply.
Differential Reference
The AD9801 includes a 0.5 V reference based on a differential,
continuous-time bandgap cell. Use of an external bypass
capacitor reduces the reference drive requirements, thus
lowering the power dissipation. The differential architecture was
chosen for its ability to reject supply and substrate noise.
Recommended decoupling shown in Figure 20.
VRT
REF
VRB
1µF
0.1µF
0.1µF
Figure 20.
Internal Timing
The AD9801’s on-chip timing circuitry generates all clocks
necessary for operation of the CDS and ADC blocks. The user
needs only to synchronize the SHP and SHD clocks with the
CCD waveform, as all other timing is handled internally. The
ADCCLK signal is used to strobe the output data, and can be
adjusted to accommodate desired timing.
OBSOLETE


Similar Part No. - AD9801_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
More results

Similar Description - AD9801_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803 Datasheet
179Kb / 19P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9802 AD-AD9802_15 Datasheet
300Kb / 20P
   CCD Signal Processor For Electronic Cameras
REV. 0
AD9803 AD-AD9803_15 Datasheet
182Kb / 19P
   CCD SIGNAL PROCESSOR FOR ELECTRONIC CAMERAS
REV. 0
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com