Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-7700WG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-7700WG_2015
Description  1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-7700WG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-7700WG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-7700WG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-7700WG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-7700WG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-7700WG_2015 Datasheet HTML 5Page - Optoway Technology Inc SPM-7700WG_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-7700G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPM-7700WG / SPM-7700BWG / SPM-7700AWG
(SC BIDI SFP)
(RoHS Compliant)
SPM-7700LWG / SPM-7700BLWG / SPM-7700ALWG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-7700WG
l Simplex LC Connector: SPM-7700LWG
l SFF-8472 Digital Diagnostic Function
l 1550 nm LD Transmitter
l 1310 nm Receiver
l 500 m links with 62.5/125
µm MMF Cables
l 500 m links with 50/125
µm MMF Cables
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-7700WG
l -10 to 85oC Operating : SPM-7700BWG
l -40 to 85oC Operating : SPM-7700AWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l IEEE 802.3ah 1000BASE-BX Applications
l Fibre Channel Links
DESCRIPTION
The SPM-7700WG series is small form factor pluggable
module for multi-mode fiber Gigabit Ethernet and Fibre
Channel single fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. The transmitter section
uses a multiple quantum well 1550 nm laser and is a class
1 laser compliant according to International Safety Standard
IEC 60825. The receiver section uses an integrated 1310 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-7700WG
1.25
0 to 500
1550
1310
SC SFP with DMI
0 to 70
-4 to -10
-17
Yes
SPM-7700BWG
1.25
0 to 500
1550
1310
SC SFP with DMI -10 to 85
-4 to -10
-17
Yes
SPM-7700AWG
1.25
0 to 500
1550
1310
SC SFP with DMI -40 to 85
-4 to -10
-17
Yes
SPM-7700LWG
1.25
0 to 500
1550
1310
LC SFP with DMI
0 to 70
-4 to -10
-17
Yes
SPM-7700BLWG
1.25
0 to 500
1550
1310
LC SFP with DMI -10 to 85
-4 to -10
-17
Yes
SPM-7700ALWG
1.25
0 to 500
1550
1310
LC SFP with DMI -40 to 85
-4 to -10
-17
Yes


Similar Part No. - SPM-7700WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-7700WG OPTOWAY-SPM-7700WG_15 Datasheet
177Kb / 6P
   1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-7700WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-7700WG OPTOWAY-SPM-7700WG_15 Datasheet
177Kb / 6P
   1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-7600WG_2015 OPTOWAY-SPM-7600WG_2015 Datasheet
177Kb / 6P
   1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-7600WG OPTOWAY-SPM-7600WG_15 Datasheet
177Kb / 6P
   1.25 Gbps Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7100WG_2015 OPTOWAY-SPM-7100WG_2015 Datasheet
153Kb / 5P
   1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG_2015 OPTOWAY-SPM-7101WG_2015 Datasheet
152Kb / 5P
   1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG_15 Datasheet
152Kb / 5P
   1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7100WG OPTOWAY-SPM-7100WG_15 Datasheet
153Kb / 5P
   1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7600G OPTOWAY-SPM-7600G_15 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com