Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54927-0520 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54927-0520
Description  5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 5 Circuits Version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

54927-0520 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54927-0520 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
54927-0520
Status:
Active
Description:
5.00mm Pitch MTC™ Spring Type Receptacle, Lead-Free, 5 Circuits Version, White
Color
Documents:
3D Model
Product Specification PS-51240-005 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Terminal Blocks
Series
54927
Application
N/A
Component Type
Plug
Product Name
MTC™
Type
Euro Block
UPC
822350212632
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
White
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
5636.000/mg
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-30°C to +85°C
Wire Size AWG
14, 16, 18, 20, 22, 24, 26
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51240-005, RPS-51240-006
Sales Drawing
SD-54927-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54927Series
Mates With
55757
This document was generated on 12/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54927-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54927-0520 MOLEX7-54927-0520 Datasheet
222Kb / 3P
   5.00mm (.197") Pitch MTC??Spring Type Receptacle, Lead-free, 5 Circuits VersionWhite Color
More results

Similar Description - 54927-0520

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54927-0620 MOLEX11-54927-0620 Datasheet
44Kb / 1P
   5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 6 Circuits Version
54927-0420 MOLEX11-54927-0420 Datasheet
45Kb / 2P
   5.00mm Pitch MTC Spring Type Receptacle, Lead-Free, 4 Circuits Version, White
0549270520 MOLEX7-0549270520 Datasheet
222Kb / 3P
   5.00mm (.197") Pitch MTC??Spring Type Receptacle, Lead-free, 5 Circuits VersionWhite Color
0549270320 MOLEX7-0549270320 Datasheet
222Kb / 3P
   5.00mm (.197") Pitch MTC??Spring Type Receptacle, Lead-free, 3 Circuits Version,White Color
0549270620 MOLEX7-0549270620 Datasheet
222Kb / 3P
   5.00mm (.197") Pitch MTC??Spring Type Receptacle, Lead-free, 6 Circuits VersionWhite Color
0549270420 MOLEX7-0549270420 Datasheet
223Kb / 4P
   5.00mm (.197") Pitch MTC??Spring Type Receptacle, Lead-free, 4 Circuits VersionWhite Color
54928-0570 MOLEX11-54928-0570 Datasheet
45Kb / 2P
   7.50mm Pitch MTC Spring Type Receptacle, 5 Circuits Version, White Color
54928-0571 MOLEX11-54928-0571 Datasheet
44Kb / 1P
   7.50mm Pitch MTC Spring Type Receptacle, 5 Circuits Version, Black Color
0549280571 MOLEX7-0549280571 Datasheet
283Kb / 3P
   7.50mm (.295") Pitch MTC??Spring Type Receptacle, 5 Circuits Version, Black Color
0549280570 MOLEX7-0549280570 Datasheet
284Kb / 4P
   7.50mm (.295") Pitch MTC??Spring Type Receptacle, 5 Circuits Version, White Color
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com