Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100FG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9100FG_2015
Description  2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100FG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9100FG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-9100FG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-9100FG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-9100FG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-9100FG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-9100FG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPM-9100FG / SPM-9100AFG
(RoHS Compliant)
3.3V / 850 nm / 2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with Fiber Channel FC-PH-2 for
200-M5-SN-1 and 200-M6-SN-1
l Compliant with IEEE 802.3z Gigabit Ethernet
1000BASE-SX
l Link Distance at 2.125 Gbd
150 m links with 62.5/125
µm MMF Cables
300 m links with 50/125
µm MMF Cables
l Link Distance at 1.026 Gbd
300 m links with 62.5/125
µm MMF Cables
500 m links with 50/125
µm MMF Cables
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l -10 to 85oC Operation: SPM-9100FG
l -40 to 85oC Operation: SPM-9100AFG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Gigabit Ethernet Switches and Routers
l Fiber Channel Switch Infrastructure
l XDSL Applications
DESCRIPTION
The SPM-9100FG series multi-mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as Gigabit Ethernet
1000BASE-SX
and
Fiber
Channel
FC-PH-2
for
200-M5-SN-1 and 200-M6-SN-1. It is with the SFP 20-pin
connector to allow hot plug capability. This module is
designed for multi-mode fiber and operates at a nominal
wavelength of 850 nm. The transmitter section uses a
Vertical Cavity Surface Emitted Laser (VCSEL) and is a
Class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an
integrated GaAs detector preamplifier (IDP) mounted in an
optical header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-9100FG
2.125/1.063
200/100
150/300**
850
LC SFP
-10 to 85
-2.5 to -9
-15
Yes
SPM-9100AFG
2.125/1.063
200/100
150/300**
850
LC SFP
-40 to 85
-2.5 to -9
-15
Yes
*: 150 meter for 62.5/125
µm MM fiber; 300 meter for 50/125 µm MM Fiber.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
-10
85
SPM-9100FG
Operating Case Temperature
Topr
-40
85
oC
SPM-9100AFG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
-10
85
oC / SPM-9100FG
Case Operating Temperature
Topr
-40
85
oC / SPM-9100AFG
Power Supply Current
ICC (TX+RX)
250
mA
Data Rate
1000
2125
Mb/s


Similar Part No. - SPM-9100FG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100FG OPTOWAY-SPM-9100FG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-9100FG OPTOWAY-SPM-9100FG_15 Datasheet
153Kb / 5P
   2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-9100FG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100FG OPTOWAY-SPM-9100FG_15 Datasheet
153Kb / 5P
   2.125 Gbps SFP LC MULTI-MODE TRANSCEIVER
SPM-9100FWG_2015 OPTOWAY-SPM-9100FWG_2015 Datasheet
154Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_15 Datasheet
154Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPS-9140FG_2015 OPTOWAY-SPS-9140FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380F-CXX0G_2015 OPTOWAY-SPS-9380F-CXX0G_2015 Datasheet
151Kb / 5P
   2.125 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380FG OPTOWAY-SPS-9380FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380FG_2015 OPTOWAY-SPS-9380FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9110FG_2015 OPTOWAY-SPS-9110FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120FG OPTOWAY-SPS-93120FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9140FG OPTOWAY-SPS-9140FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com