Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YF-112-T Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9248YF-112-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-112-T Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9248YF-112-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YF-112-T Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ICS9248-112
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
PD# Timing Diagram
The power down selection is used to put the part into a very low power state without turning off the power to the part. PD# is
an asynchronous active low input. This signal needs to be synchronized internal to the device prior to powering down the clock
synthesizer.
Internal clocks are not running after the device is put in power down. When PD# is active low all clocks need to be driven to a
low value and held prior to turning off the VCOs and crystal. The power up latency needs to be less than 3 mS. The power down
latency should be as short as possible but conforming to the sequence requirements shown below. The REF and 48MHz clocks
are expected to be stopped in the LOW state as soon as possible. Due to the state of the internal logic, stopping and holding
the REF clock outputs in the LOW state may require more than one clock cycle to complete.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248 device).
2. As shown, the outputs Stop Low on the next falling edge after PD# goes low.
3. PD# is an asynchronous input and metastable conditions may exist. This signal is synchronized inside this part.
4. The shaded sections on the VCO and the Crystal signals indicate an active clock.
5. Diagrams shown with respect to 133MHz. Similar operation when CPU is 100MHz.


Similar Part No. - ICS9248YF-112-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-110 ICST-ICS9248YF-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS9248YF-114-T ICST-ICS9248YF-114-T Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
More results

Similar Description - ICS9248YF-112-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com