Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-126 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-126
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-126 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-126 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-126 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9248-126
Third party brands and names are the property of their respective owners.
The ICS9248-126 is the single chip clock solution for
Desktop/Notebook designs using the SIS 540/630 style
chipset. It provides all necessary clock signals for such a
system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-126
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection.
General Description
Power Groups
VDDREF = REF, X1, X2
VDDPCI = PCICLK_F, PCICLK
VDDSDR = SDRAM, supply for PLL core,
VDD48 = 48MHz, 24MHz
VDDLCPU = CPUCLKs
Pin Configuration
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 6, 15, 19, 27, 30,
36, 42
VDD
PWR
3.3V Power supply for SDRAM output buffers, PCI output buffers,
reference output buffers and 48M Hz output
REF0
OUT
14.318 M Hz reference clock.
FS3
IN
Frequency select pin.
3, 10, 16, 22,
33, 39, 44
GND
PWR
Ground pin for 3V outputs.
4
X1
IN
Crystal input,nominally 14.318M Hz.
5
X2
OUT
Crystal output, nominally 14.318M Hz.
FS1
IN
Frequency select pin.
PCICLK0
OUT
PCI clock outputs.
FS2
IN
Frequency select pin.
PCICLK1
OUT
PCI clock outputs.
14, 13, 12, 11, 9
PCICLK (6:2)
OUT
PCI clock outputs.
41, 40, 38, 37, 35,
34, 32, 31, 29, 28,
21, 20, 18, 17
SDRAM (13:0)
OUT
SDRAM clock outputs
23
SDATA
I/O
Data pin for I
2
C circuitry 5V tolerant
24
SCLK
IN
Clock input of I2C input, 5V tolerant input
CPU2.5_3.3#
IN
Voltage select 2.5V when high - 3.3V when low
24_48M Hz
OUT
Clock output for super I/O/USB default is 24M Hz
FS0
IN
Frequency select pin.
48M Hz
OUT
48MHz output clock
43, 45, 46
CPUCLK (2:0)
OUT
CPU clock outputs.
47
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
48
REF1
OUT
14.318 M Hz reference clock.
26
2
7
8
25


Similar Part No. - ICS9248-126

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results

Similar Description - ICS9248-126

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-135 ICST-ICS9248-135 Datasheet
191Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com