Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-127 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248-127
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-127 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248-127 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS9248-127
Electrical Characteristics - CPU
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 20 pF (unles s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 2B
1
Vo=VDD*(0.5)
10
20
Output Impedance
RDSN2B
1
Vo=VDD*(0.5)
10
20
Output High Voltage
VOH2B
IOH = -12 mA
2.0
2.3
V
Output Low Voltag e
VOL2B
IOL = 12 mA
0.2
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-41
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
19.0
37.0
mA
Ris e Time
1
tr2B
VOL = 0.4 V, VOH = 2.4 V
0.4
1.28
2.0
ns
Fall Time
1
tf2B
VOH = 2.4 V, VOL = 0.4 V
0.4
1.49
2.0
ns
Duty Cycle
1
dt2B
VT = 1.5 V
48.0
54.8
58.0
%
Skew window
1
tsk2B
VT = 1.5 V
222
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.5 V
152
250
ps
1
Guaranteed by des ign, n ot 100% tes ted in production.
Electrical Characteristics - 24MHz, 48MHz, REF
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 20 pF (un les s otherwis e s pecified)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 5
1
Vo =VDD*(0.5)
20
60
Output Impedance
RDSN5
1
Vo =VDD*(0.5)
20
60
Output High Voltage
VOH5
IOH = -14 mA
2.4
2.9
V
Output Low Voltage
VOL5
IOL = 6.0 mA
0.25
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-42
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
10
18
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.74
4.0
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.05
4.0
ns
Duty Cycle
1
dt5
VT = 1.5 V,
45
53.2
55
%
Jitter
1
tjabs5
VT = 1.5 V
307
800
ps
1
Guaranteed by des ign, not 100% tes ted in production.


Similar Part No. - ICS9248-127

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-126 ICST-ICS9248-126 Datasheet
472Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results

Similar Description - ICS9248-127

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com