Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YF-135-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9248YF-135-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-135-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9248YF-135-T Datasheet HTML 1Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-135-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
ICS9248-135
Third party brands and names are the property of their respective owners.
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note: PWD = Power-Up Default
Note1:
Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
The I
2C readback for Bits 7, 2, 6:4 indicate the revision code.
I
2C is a trademark of Philips Corporation
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
7
t
i
B2
t
i
B6
t
i
B5
t
i
B4
t
i
BU
P
CM
A
R
D
SI
C
PS
S
0
1
0
0
0
1
e
t
o
N
,
2
,
7
t
i
B
4
:
6
t
i
B
0
000
0
6
.
6
60
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
0
000
1
0
.
0
0
10
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
00
0
1
0
0
.
0
5
10
.
0
0
15
.
7
3%
5
2
.
0
±
00
0
1
1
3
.
3
3
10
.
0
0
13
.
3
3%
5
.
0
-
o
t
0
00
1
0
0
8
.
6
66
.
3
3
14
.
3
3%
5
.
0
-
o
t
0
00
1
0
1
0
.
0
0
13
.
3
3
13
.
3
3%
5
.
0
-
o
t
0
00
1
1
0
0
.
0
0
10
.
0
5
15
.
7
3%
5
2
.
0
±
00
1
1
1
3
.
3
3
13
.
3
3
13
.
3
3%
5
.
0
-
o
t
0
01
0
0
0
8
.
6
68
.
6
64
.
3
3%
5
2
.
0
±
01
0
0
1
0
.
7
90
.
7
93
.
2
3%
5
.
0
-
o
t
0
01
0
1
0
0
.
0
70
.
5
0
10
.
5
3%
5
2
.
0
±
01
0
1
1
0
.
5
90
.
5
97
.
1
3%
5
2
.
0
±
01
1
0
0
0
.
5
97
.
6
2
17
.
1
3%
5
2
.
0
±
01
1
0
1
0
.
2
1
10
.
2
1
13
.
7
3%
5
2
.
0
±
0
111
0
0
.
7
93
.
9
2
13
.
2
3%
5
.
0
-
o
t
0
0
111
1
2
.
6
92
.
6
91
.
2
3%
5
.
0
-
o
t
0
1
000
0
8
.
6
62
.
0
0
14
.
3
3%
5
2
.
0
±
1
000
1
2
.
0
0
12
.
0
0
14
.
3
3%
5
2
.
0
±
10
01
0
0
.
6
6
17
.
0
1
17
.
7
2%
5
2
.
0
±
10
01
1
2
.
0
0
16
.
3
3
14
.
3
3%
5
2
.
0
±
101
0
0
0
.
5
70
.
0
0
15
.
7
3%
5
2
.
0
±
101
0
1
3
.
3
80
.
5
2
13
.
1
3%
5
2
.
0
±
101
1
0
0
.
5
0
10
.
0
4
10
.
5
3%
5
2
.
0
±
101
1
1
6
.
3
3
16
.
3
3
14
.
3
3%
5
2
.
0
±
11
0
0
0
3
.
0
1
10
.
7
4
18
.
6
3%
5
2
.
0
±
11
0
0
1
0
.
5
1
13
.
3
5
13
.
8
3%
5
2
.
0
±
11
0
1
0
0
.
0
2
10
.
0
2
10
.
0
3%
5
2
.
0
±
11
0
1
1
0
.
8
3
10
.
8
3
15
.
4
3%
5
2
.
0
±
11
1
0
0
0
.
0
4
10
.
0
4
10
.
5
3%
5
2
.
0
±
11
1
0
1
0
.
5
4
10
.
5
4
13
.
6
3%
5
2
.
0
±
1
111
0
5
.
7
4
15
.
7
4
19
.
6
3%
5
2
.
0
±
1
111
1
0
.
0
6
10
.
0
6
17
.
6
2%
5
2
.
0
±
3
t
i
B
s
t
u
p
n
I
d
e
h
c
t
a
L
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
6
,
2
,
7
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
d
e
l
b
a
n
E
m
u
r
t
c
e
p
S
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
-
1
0


Similar Part No. - ICS9248YF-135-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-131-T ICST-ICS9248YF-131-T Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248YF-134-T ICST-ICS9248YF-134-T Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
ICS9248YF-138 ICST-ICS9248YF-138 Datasheet
245Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248YF-135-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-126 ICST-ICS9248-126 Datasheet
472Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com