Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YG-143-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248YG-143-T
Description  Frequency Generator & Integrated Buffers for PENTIUM II/IIITM & K6
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YG-143-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248YG-143-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ICS9248-143
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
product reliability.
Ele ctrical Characte ristics - Input/Supply /Com m on Output Param e te rs
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unles s otherwis e s tated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
CL = 0 pF; Select @ 66MHz
90
150
CL = 0 pF; Select @ 100MHz
114
170
CL = 0 pF; Select @ 133MHz
139
180
Powerdown Current
IDDP D
CL = 0 pF; Input address VDD or GND
600
µA
Input Frequency
Fi
VDD = 3.3 V
12
16
M Hz
Input Capacitance
1
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
5.5
ms
Skew
1
tCP U-P CI1
VT = 1.5 V
14
ns
1
Guaranteed by des ign, not 100% tes ted in production.
mA
Operating Supply
Current
IDD3.3OP
Ele ctrical Characte ristics - Input/Supply /Com m on Output Param e te rs
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unles s otherwis e s tated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
CL = 0 pF; Select @ 66.8 M Hz
10
15
CL = 0 pF; Select @ 100 M Hz
13
18
CL = 0 pF; Select @ 133 M Hz
22
25
Powerdown Current
IDDLP D
CL = 0 pF; Input address VDD or GN D
10
µA
Skew
1
tCP U-P CI2
VT = 1.5 V; VTL = 1.25 V
13
4
ns
1
Guaranteed by des ign, not 100% tes ted in production.
IDDL2.5
Operating SupplyCurrent
mA


Similar Part No. - ICS9248YG-143-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YG-101-T ICST-ICS9248YG-101-T Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-150-T ICST-ICS9248YG-150-T Datasheet
153Kb / 10P
   Frequency Generator for Multi - Processor Servers
ICS9248YG-162-T ICST-ICS9248YG-162-T Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-171-T ICST-ICS9248YG-171-T Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
ICS9248YG-192-T ICST-ICS9248YG-192-T Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
More results

Similar Description - ICS9248YG-143-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-195 ICST-ICS9248-195 Datasheet
148Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
ICS9248-185 ICST-ICS9248-185 Datasheet
100Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-162 ICST-ICS9248-162 Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
logo
Renesas Technology Corp
ICS9250-27 RENESAS-ICS9250-27 Datasheet
334Kb / 16P
   Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
01/25/10
logo
Integrated Device Techn...
ICS9250-27 IDT-ICS9250-27 Datasheet
200Kb / 15P
   Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
logo
Integrated Circuit Syst...
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com