Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YG-143-T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9248YG-143-T
Description  Frequency Generator & Integrated Buffers for PENTIUM II/IIITM & K6
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YG-143-T Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9248YG-143-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YG-143-T Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ICS9248-143
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5% ; CL = 30 pF
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output High Voltage
VOH3
IOH = -28 mA
2.4
V
Output Low Voltag e
VOL3
IOL = 19 mA
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-46
mA
Output Low Current
IOL3
VOL = 0.8 V
32
mA
Ris e Time
1
Tr3
VOL = 0.4 V, VOH = 2.4 V
1.22
1.6
ns
Fall Time
1
Tf3
VOH = 2.4 V, VOL = 0.4 V
1.25
1.6
ns
Duty Cycle
1
Dt3
VT = 1.5 V
42
45.6
52
%
Skew window
1
Tsk3
VT = 1.5 V
169
250
ps
Propagation Time
1
(Buffer In to output)
Tsk3
VT = 1.5 V
3.3
5
ns
1
Guaranteed by des ign, n ot 100% tes ted in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-33
mA
Output Low Current
IOL1
VOL = 0.8 V
38
mA
Ris e Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.56
2.2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.74
2.2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50.3
55
%
Skew window
1
tsk1
VT = 1.5 V
357
500
ps
Skew window
1
tsk2
VT = 1.5 V PCICLKE to PCI [5:0]
2
2.77
4
ns
Jitter, A bs olute
1
tjabs1
VT = 1.5 V
-250
143
250
ps
1
Guaranteed by des ign, not 100% tes ted in production.


Similar Part No. - ICS9248YG-143-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YG-101-T ICST-ICS9248YG-101-T Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-150-T ICST-ICS9248YG-150-T Datasheet
153Kb / 10P
   Frequency Generator for Multi - Processor Servers
ICS9248YG-162-T ICST-ICS9248YG-162-T Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-171-T ICST-ICS9248YG-171-T Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
ICS9248YG-192-T ICST-ICS9248YG-192-T Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
More results

Similar Description - ICS9248YG-143-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-195 ICST-ICS9248-195 Datasheet
148Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM II/III & K6
ICS9248-185 ICST-ICS9248-185 Datasheet
100Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-101 ICST-ICS9248-101 Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248-162 ICST-ICS9248-162 Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
logo
Renesas Technology Corp
ICS9250-27 RENESAS-ICS9250-27 Datasheet
334Kb / 16P
   Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
01/25/10
logo
Integrated Device Techn...
ICS9250-27 IDT-ICS9250-27 Datasheet
200Kb / 15P
   Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
logo
Integrated Circuit Syst...
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com