Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YG-150-T Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9248YG-150-T
Description  Frequency Generator for Multi - Processor Servers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YG-150-T Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9248YG-150-T Datasheet HTML 1Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YG-150-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ICS9248-150
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
µA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
µA
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
Operating Supply
Current
I
DD3.3OP
C
L = 0 pF; Select @ 100 MHz
181
250
mA
Powerdown Current
IDD3.3PD
C
L = 0 pF; Input address to VDD or GND
52
60
mA
Input Frequency
Fi
VDD = 3.3 V
14.318
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3
ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3
ms
tPZH,tPZL
Output enable delay (all outputs)
1
10
ns
tPHZ,tPLZ
Output disable delay (all outputs)
1
10
ns
1Guaranteed by design, not 100% tested in production.
Delay
1
Input Capacitance
1
Input Low Current


Similar Part No. - ICS9248YG-150-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YG-101-T ICST-ICS9248YG-101-T Datasheet
362Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-143-T ICST-ICS9248YG-143-T Datasheet
506Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM II/IIITM & K6
ICS9248YG-162-T ICST-ICS9248YG-162-T Datasheet
472Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
ICS9248YG-171-T ICST-ICS9248YG-171-T Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
ICS9248YG-192-T ICST-ICS9248YG-192-T Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
More results

Similar Description - ICS9248YG-150-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
   Frequency Generator & Integrated Buffers for K7 Processor
logo
Balluff Korea Ltd.
BIS0122 BALLUFF-BIS0122 Datasheet
143Kb / 3P
   Multi-Frequency Processor
BIS01F4 BALLUFF-BIS01F4 Datasheet
152Kb / 3P
   Multi-Frequency Processor
BIS0146 BALLUFF-BIS0146 Datasheet
144Kb / 3P
   Multi-Frequency Processor
BIS0147 BALLUFF-BIS0147 Datasheet
145Kb / 3P
   Multi-Frequency Processor
BIS012E BALLUFF-BIS012E Datasheet
148Kb / 3P
   Multi-Frequency Processor
BIS018K BALLUFF-BIS018K Datasheet
270Kb / 3P
   Multi-Frequency Processor
1.36_2021-09-16
BIS01F2 BALLUFF-BIS01F2 Datasheet
153Kb / 2P
   Multi-Frequency Processor
BIS00U9 BALLUFF-BIS00U9 Datasheet
144Kb / 3P
   Multi-Frequency Processor
BIS00T3 BALLUFF-BIS00T3 Datasheet
147Kb / 3P
   Multi-Frequency Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com