Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF57G Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SF57G
Description  5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SF57G Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SF57G Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SF57G Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (SF51G THRU SF57G)
FIG.1- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG.2-TYPICAL FORWARD CURRENT
FIG.6-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1
2
3
4
5
6
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
30
0
60
90
120
150
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
3.0
Tj=25 C
350
300
250
200
150
100
50
0
0
25
50
75
100
125
150
175
0.1
1.0
.01
10
50
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
3.0
Tj=100 C
Tj=25 C
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100 120 140
107
AMBIENT TEMPERATURE,( C)


Similar Part No. - SF57G

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SF57G MIC-SF57G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF57G YFWDIODE-SF57G Datasheet
361Kb / 3P
   Super Fast Silicon Rectifiers
logo
Chongqing Pingwei Enter...
SF57G CHONGQING-SF57G Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
RFE international
SF57G RFE-SF57G Datasheet
2Mb / 3P
   Super Fast Recovery Rectifier
09-26-2022
logo
Yea Shin Technology Co....
SF57G YEASHIN-SF57G Datasheet
57Kb / 2P
   SUPE RFAST RECOVERY RECTIFIERS VOLTAGE- 50 to 8 00 Volts CURRENT - 5.0 Amperes
More results

Similar Description - SF57G

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SF51G WILLAS-SF51G Datasheet
332Kb / 2P
   5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
logo
PACELEADER INDUSTRIAL
SF51G PACELEADER-SF51G Datasheet
600Kb / 2P
   5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
logo
Taiwan Semiconductor Co...
SFAD501G TSC-SFAD501G Datasheet
58Kb / 2P
   5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF501G TSC-SFF501G Datasheet
115Kb / 2P
   Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF501G TSC-SFF501G_1 Datasheet
348Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_1 Datasheet
272Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF504G TSC-SFAF504G Datasheet
66Kb / 2P
   Isolation 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_10 Datasheet
628Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
   3.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com